Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6531D Datasheet(PDF) 98 Page - Teridian Semiconductor Corporation

Part No. 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6531D Datasheet(HTML) 98 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 98 / 115 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
98
© 2005-2009 TERIDIAN Semiconductor Corporation
v1.2
5.4.5
Supply Current
Table 68: Supply Current Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
V3P3SYS current (CE off)
Normal Operation,
V3P3A = V3P3SYS = 3.3 V
CKMPU = 614 kHz
No Flash Memory write
RTM_E=0, ECK_DIS=1,
ADC_E=1, ICE_E=0
4.2
6.35
mA
V3P3SYS current (CE on)
8.4
9.6
mA
V3P3A current
3.3
3.8
mA
VBAT current
-400
+400
nA
V3P3SYS current,
Write Flash
Normal Operation as above, ex-
cept write Flash at maximum rate,
CE_E = 0, ADC_ E = 0
9.1
12
mA
VBAT current
VBAT=3.6V
BROWNOUT mode
71M6531D/F
71M6532D/F
LCD Mode
LCD DAC off
LCD DAC on
SLEEP Mode
52
82
11
21
0.7
250
250
40
46
1.5
µA
µA
µA
µA
µA
5.4.6
V3P3D Switch
Table 69: V3P3D Switch Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
On resistance – V3P3SYS to V3P3D
| IV3P3D |
≤ 1 mA
9
15
Ω
On resistance – VBAT to V3P3D
| IV3P3D |
≤ 1 mA
32
50
Ω
5.4.7
2.5 V Voltage Regulator
Table 70: 2.5 V Voltage Regulator Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
V2P5
Iload = 0
2.3
2.5
2.7
V
V2P5 load regulation
Iload = 0 mA to 5 mA
40
mV
Voltage overhead V3P3-V2P5
Iload = 5 mA, reduce V3P3
until V2P5 drops 200 mV
470
mV
PSSR
∆V2P5/∆V3P3
RESET=0, iload=0
-2
+2
mV/V
5.4.8
Low-Power Voltage Regulator
Unless otherwise specified, V3P3SYS = V3P3A = 0, PB=GND (BROWNOUT).
Table 71: Low-Power Voltage Regulator Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
V2P5
ILOAD = 0
2.3
2.5
2.7
V
V2P5 load regulation
ILOAD = 0 mA to 1 mA
30
mV
VBAT voltage requirement
ILOAD = 1 mA, reduce VBAT
until REG_LP_OK = 0
3.0
V
PSRR ΔV2P5/ΔVBAT
ILOAD = 0
-50
50
mV/V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn