Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6531D Datasheet(PDF) 75 Page - Teridian Semiconductor Corporation

Part No. 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6531D Datasheet(HTML) 75 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 75 / 115 page
background image
FDS 6531/6532 005
Data Sheet 71M6531D/F-71M6532D/F
v1.2
© 2005-2009 TERIDIAN Semiconductor Corporation
75
4.2
I/O RAM Description – Alphabetical Order
The following conventions apply to the descriptions in this table:
Bits with a W (write) direction are written by the MPU into configuration RAM. Typically, they are initially stored in flash memory and copied to
the configuration RAM by the MPU. Some of the more frequently programmed bits are mapped to the MPU SFR memory space. The remain-
ing bits are mapped to 2xxx.
Bits with a R (read) direction can be read by the MPU.
Columns labeled Reset and Wake describe the bit values upon reset and wake, respectively. “NV” in the Wake column means the bit is po-
wered by the nonvolatile supply and is not initialized. LCD-related registers labeled “L” retain data upon transition from LCD mode to
BROWNOUT mode and vice versa, but do not retain data in SLEEP mode. “–“ means that the value is undefined.
Write-only bits will return zero when they are read.
Table 49: I/O RAM Description - Alphabetical
Name
Location
Reset
Wake
Dir
Description
ADC_E
2005[3]
0
0
R/W
Enables ADC and VREF. When disabled, removes bias current.
BME
2020[6]
0
R/W
Battery Measure Enable. When set, a load current is immediately applied to the bat-
tery and it is connected to the ADC to be measured on Alternative Mux Cycles. See
the MUX_ALT bit.
BOOT_SIZE[7:0]
20A7[7:0]
01
01
R/W
End of space reserved for boot program. The ending address of the boot region is
1024*BOOT_SIZE.
CE10MHZ
2000[3]
0
0
R/W
CE clock select. When set, the CE is clocked at 10 MHz. Otherwise, the CE clock
frequency is 5 MHz.
CE_E
2000[4]
0
0
R/W
CE enable.
CE_LCTN[7:0]
20A8[4:0]
31
31
R/W
CE program location. The starting address for the CE program is 1024*CE_LCTN.
CHOP_E[1:0]
2002[5:4]
0
0
R/W
Chop enable for the reference bandgap circuit. The value of CHOP will change on the
rising edge of MUXSYNC according to the value in CHOP_E:
00 = toggle, except at the mux sync edge at the end of SUMCYCLE, an alternative
MUX frame is automatically inserted at the end of each accumulation interval.
01 = positive.
10 = reversed.
11 = toggle, no alternative MUX frame is inserted
CHOP_IA*
20AC[0]
0
0
R/W
This bit enables chop mode for the IA current channel (71M6532D/F only). CHOP_I_E
must be set also.
CHOP_IB*
20AC[4]
0
0
R/W
This bit enables chop mode for the IB current channel (71M6532D/F only). CHOP_I_E
must be set also.
CHOP_I_E*
20AB[0]
0
0
R/W
This bit must be set to enable chop mode for the current channels (71M6532D/F only).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn