Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6531D Datasheet(PDF) 74 Page - Teridian Semiconductor Corporation

Part No. 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6531D Datasheet(HTML) 74 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 74 / 115 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
74
© 2005-2009 TERIDIAN Semiconductor Corporation
v1.2
ADC MUX:
SLOT0
2090
SLOT1_SEL
SLOT0_SEL
SLOT1
2091
SLOT3_SEL
SLOT2_SEL
SLOT2
2092
Reserved
Reserved
SLOT3
2093
Reserved
Reserved
SLOT4
2094
Reserved
Reserved
SLOT5
2096
SLOT1_ALTSEL
SLOT0_ALTSEL
SLOT6
2097
SLOT3_ALTSEL
SLOT2_ALTSEL
SLOT7
2098
Reserved
Reserved
SLOT8
2099
Reserved
Reserved
SLOT9
209A
Reserved
Reserved
SPI Interrupt:
SPI0
20B0
Not Used
IEN_SPI
Not Used
IEN_WD_NROVF
SPI1
20B1
Not Used
SPI_FLAG
Not Used
WD_NROVF_FLAG
General-Purpose Nonvolatile Registers:
GP0
20C0
GPO[7:0]
GP7
20C7
GP7[7:0]
VERSION
20C8
VERSION[7:0]
Serial EEPROM:
EEDATA
SFR 9E
EEDATA[7:0]
EECTRL
SFR 9F
EECTRL[7:0]
† 71M6531D/F only
‡ 71M6532D/F only


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn