Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6531D Datasheet(PDF) 72 Page - Teridian Semiconductor Corporation

Part No. 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6531D Datasheet(HTML) 72 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 72 / 115 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
72
© 2005-2009 TERIDIAN Semiconductor Corporation
v1.2
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LCD Display Interface:
LCDX
2020
MUX_SYNC_E
BME
Reserved (0) Reserved (0)
Not Used
LCDY
2021
Not Used
LCD_Y
LCD_E
LCD_MODE[2:0]
LCD_CLK[1:0]
LCD_MAP0
2023
LCD_BITMAP[31:24]
LCD_MAP1
2024
LCD_BITMAP
[39]‡
LCD_BITMAP
[38]‡
LCD_BITMAP
[37]
LCD_BITMAP
[36]‡
LCD_BITMAP
[35]
LCD_BITMAP
[34]
LCD_BITMAP
[33]
LCD_BITMAP
[32]
LCD_MAP2
2025
LCD_BITMAP[47:40]‡
LCD_MAP3
2026
Not Used
LCD_BITMAP
[50]‡
LCD_BITMAP
[49]
LCD_BITMAP
[48]†
LCD_MAP4
2027
LCD_BITMAP
[63]
LCD_BITMAP
[62]‡
LCD_BITMAP
[61]‡
LCD_BITMAP
[60]‡
Not Used
LCD_MAP5
2028
LCD_BITMAP
[71]‡
LCD_BITMAP
[70]‡
LCD_BITMAP
[69]‡
LCD_BITMAP
[68]‡
LCD_BITMAP
[67]‡
LCD_BITMAP
[66]†
LCD_BITMAP
[65]
LCD_BITMAP
[64]
LCD_MAP6
2029
Not Used
LCD0
2030
LCD_SEG42[3:0]‡
LCD_SEG0[3:0]
LCD1
2031
LCD_SEG43[3:0]‡
LCD_SEG1[3:0]
LCD2
2032
Not Used
LCD_SEG2[3:0]
LCD3
2033
LCD_SEG45[3:0]‡
LCD_SEG3[3:0]
LCD4
2034
LCD_SEG46[3:0]‡
LCD_SEG4[3:0]
LCD5
2035
LCD_SEG47[3:0]‡
LCD_SEG5[3:0]
LCD6
2036
LCD_SEG48[3:0]†
LCD_SEG6[3:0]†
LCD7
2037
LCD_SEG49[3:0]
LCD_SEG7[3:0]
LCD8
2038
LCD_SEG50[3:0]‡
LCD_SEG8[3:0]
LCD9
2039
Not Used
LCD_SEG9[3:0]
LCD17
2041
Not Used
LCD_SEG17[3:0]
LCD18
2042
LCD_SEG60[3:0]‡
LCD_SEG18[3:0]
LCD19
2043
LCD_SEG61[3:0]‡
LCD_SEG19[3:0]
LCD20
2044
LCD_SEG62[3:0]‡
LCD_SEG20[3:0]‡
LCD21
2045
LCD_SEG63[3:0]
LCD_SEG21[3:0]‡
LCD22
2046
LCD_SEG64[3:0]
LCD_SEG22[3:0]‡
LCD23
2047
LCD_SEG65[3:0]
LCD_SEG23[3:0]‡
LCD24
2048
LCD_SEG66[3:0]†
LCD_SEG24[3:0]
LCD25
2049
LCD_SEG67[3:0]‡
LCD_SEG25[3:0]
LCD26
204A
LCD_SEG68[3:0]‡
LCD_SEG26[3:0]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn