Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6531D Datasheet(PDF) 63 Page - Teridian Semiconductor Corporation

Part # 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6531D Datasheet(HTML) 63 Page - Teridian Semiconductor Corporation

Back Button 71M6531D Datasheet HTML 59Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 60Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 61Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 62Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 63Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 64Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 65Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 66Page - Teridian Semiconductor Corporation 71M6531D Datasheet HTML 67Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
FDS 6531/6532 005
Data Sheet 71M6531D/F-71M6532D/F
v1.2
© 2005-2009 TERIDIAN Semiconductor Corporation
63
3.3
Temperature Measurement
Measurement of absolute temperature uses the on-chip temperature sensor and applying the following
formula:
n
n
n
T
S
N
T
N
T
+
=
)
)
(
(
In the above formula, T is the temperature in °C, N(T) is the ADC count at temperature T, Nn is the ADC
count at 25°C, Sn is the sensitivity in LSB/°C as stated in the Electrical Specifications and Tn is +25 °C.
It is recommended that temperature measurements be based on TEMP_RAW_X which is the sum of two
consecutive temperature readings, thus being higher by a factor of two than the raw sensor readings.
3.4
Temperature Compensation
3.4.1
Temperature Coefficients:
The internal voltage reference VREF is calibrated during device manufacture.
The temperature coefficient TC2 is given as a constant that represents typical component behavior (in
µV/°C
2). TC1 (µV/°C) can be calculated for the individual chip from the contents of the TRIMT[7:0] I/O
RAM register. TC1 and TC2 allow compensation for variations of the reference voltage to within ±40
PPM/°C.
Since TC1 and TC2 are given in µV/°C and µV/°C
2, respectively, the value of the VREF voltage
(1.195V) has to be taken into account when transitioning to PPM/°C and PPM/°C
2. This means
that PPMC = 26.84*TC1/1.195 and PPMC2 = 1374*TC2/1.195).
3.4.2
Temperature Compensation for VREF
The bandgap temperature is used to digitally compensate the power outputs for the temperature depen-
dence of VREF, using the CE register GAIN_ADJ. Since the band gap amplifier is chopper-stabilized via
the CHOP_E bits, the most significant long-term drift mechanism in the voltage reference is removed.
The following formula is used to determine the GAIN_ADJ value of the CE. In this formula, TEMP_X is the
deviation from nominal or calibration temperature expressed in multiples of 0.1 °C:
23
2
14
2
2
_
2
_
16385
_
PPMC
X
TEMP
PPMC
X
TEMP
ADJ
GAIN
+
+
=
3.4.3
System Temperature Compensation
In a production electricity meter, the 71M6531 or 71M6532D/F is not the only component contributing to
temperature dependency. A whole range of components (e.g. current transformers, resistor dividers,
power sources, filter capacitors) will contribute temperature effects.
Since the output of the on-chip temperature sensor is accessible to the MPU, temperature compensation
mechanisms with great flexibility are possible. MPU access to GAIN_ADJ permits a system-wide temper-
ature correction over the entire meter rather than local to the chip.
3.4.4
Temperature Compensation for the RTC
In order to obtain accurate readings from the RTC, the following procedure is recommended:
1.
At the time of meter calibration, the crystal oscillator is calibrated using the RTC_ADJ register in I/O
RAM to be as close to 32768 Hz as possible. The recommended procedure is to connect a high-
precision frequency counter to the TMUXOUT pin and select 0x11 for TMUX[4:0]. This will generate
a 4-second pulse at TMUXOUT that can be used to trim RTC_ADJ to the best value.
2.
When the meter is in service, the MPU takes frequent temperature readings. If the temperature cha-
racteristics of the crystal are known, the temperature readings can be used to modify the settings for
the I/O RAM registers PREG[16:0] and QREG[1:0] in order to keep the crystal frequency close to
32768 Hz.


Similar Part No. - 71M6531D

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 120P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
71M6531D/F MAXIM-71M6531D/F Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results

Similar Description - 71M6531D

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com