Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6531D Datasheet(PDF) 58 Page - Teridian Semiconductor Corporation

Part No. 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6531D Datasheet(HTML) 58 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 58 / 115 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
58
© 2005-2009 TERIDIAN Semiconductor Corporation
v1.2
Figure 22: Transition from BROWNOUT to MISSION Mode when System Power Returns
Figure 23: Power-Up Timing with V3P3SYS and VBAT tied together
time
System
Power
(V3P3SYS)
MPU Mode
Battery
Current
Transition
MPU Clock
Source
Xtal
PLL
(4.2MHz/MUX_DIV)
PLL_OK
MISSION
2048...4096
CK32 cycles
300nA
13..14 CK
cycles
WAKE
BROWNOUT
V1_OK
time
V3P3SYS
and VBAT
MPU Mode
Battery
Current
MPU Clock
Source
Xtal
PLL
(4.2MHz)
PLL_OK
MISSION
300nA
WAKE
Internal
RESETZ
BROWN-
OUT
1024 CK32
cycles
14.5 CK32
cycles
4096 CK32
cycles
V1_OK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn