Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6531D Datasheet(PDF) 46 Page - Teridian Semiconductor Corporation

Part No. 71M6531D
Description  Energy Meter IC
Download  115 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6531D Datasheet(HTML) 46 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
46
© 2005-2009 TERIDIAN Semiconductor Corporation
v1.2
Recommended
R
LED
DIO1
V3P3D
71M6531
V3P3SYS
DGND
VBAT
3.3V
Recommended
R
LED
DIO1
V3P3D
71M6531
V3P3SYS
DGND
VBAT
3.3V
Figure 10: Connecting an External Load to DIO Pins
1.5.10 LCD Drivers – 71M6531D/F
The 71M6531 contains a total of 39 dedicated and multiplexed LCD drivers which are grouped as follows:
• 11 dedicated LCD segment drivers – always available
• 3 drivers multiplexed with the ICE interface (E_TCLK, E_RST, E_RXTX) – available in normal opera-
tion mode (when not emulating)
• 2 driver multiplexed with auxiliary signals MUX_SYNC and CKTEST (SEG7, SEG19) – available
when not used for test
• 4 drivers multiplexed with the SPI port (PCLK, PSDO, PCSZ, PSDI)
• 19 multi-use pins described above in the 1.5.7 Digital I/O – 71M6531D/F section.
• 4 common drivers for multiplexing (25%, 33%, 50%, or 100% duty cycle) – always available
With a minimum of 16 driver pins always available and a total of 39 driver pins in the maximum con-
figuration, the device is capable of driving between 64 to 156 pixels of LCD display with 25% duty cycle. At
eight pixels per digit, this corresponds to 8 to 19 digits. At 33% duty cycle, 48 to 117 pixels can be driven.
For each multi-use pin, the corresponding LCD_BITMAP[] register (as described in Section 1.5.7 Digital I/O
– 71M6531D/F) is used to select the pin for DIO or LCD operation. The mapping of the LCD_BITMAP[]
registers is specified in Section 4.1 (I/O RAM registers). The LCD drivers are supported by the four
common pins (COM0 – COM3).
1.5.11 LCD Drivers – 71M6532D/F
The 71M6532D/F contains a total of 67 dedicated and multiplexed LCD drivers, which are grouped as
follows:
• 15 dedicated LCD segment drivers (SEG0 to SEG2, SEG8, SEG12 - SEG18, SEG20 – SEG23)
• 4 drivers multiplexed with the SPI port (SEG3 to SEG6)
• 2 drivers multiplexed with MUX_SYNC (SEG7) or CKTEST (SEG19)
• 3 drivers multiplexed with the ICE interface (SEG9 to SEG11)
• 43 multi-use LCD/DIO pins described in Section 1.5.8 Digital I/O – 71M6532D/F.
With a minimum of 15 driver pins always available and a total of 67 driver pins in the maximum con-
figuration, the device is capable of driving between 60 to 268 pixels of an LCD display with 25% duty
cycle. At eight pixels per digit, this corresponds to 7.5 to 33.5 digits.
For each multi-use pin, the corresponding LCD_BITMAP[ ] register (as described in Section 1.5.8 Digital I/O
– 71M6532D/F) is used to select the pin for DIO or LCD operation. The mapping of the LCD_BITMAP[ ]
registers is specified in Section 4.1 I/O RAM and SFR Map – Functional Order. The LCD drivers are sup-
ported by the four common pins (COM0 – COM3).
Not recommended
71M6531
DIO1
R
V3P3D
LED
V3P3SYS
3.3V
DGND
VBAT
71M6531
DIO1
R
V3P3D
LED
V3P3SYS
3.3V
DGND
VBAT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn