Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6521BE Datasheet(PDF) 22 Page - Teridian Semiconductor Corporation

Part # 71M6521BE
Description  Energy Meter IC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6521BE Datasheet(HTML) 22 Page - Teridian Semiconductor Corporation

Back Button 71M6521BE Datasheet HTML 18Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 19Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 20Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 21Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 22Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 23Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 24Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 25Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 26Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
71M6521BE
Energy Meter IC
DATA SHEET
JANUARY 2008
Page: 22 of 97
© 2005-2008 TERIDIAN Semiconductor Corporation
V1.0
FLSHCRL
0xB2
R/W
W
R/W
R
Bit 0 (FLSH_PWE): Program Write Enable:
0 – MOVX commands refer to XRAM Space, normal operation
(default).
1 – MOVX @DPTR,A moves A to Program Space (Flash) @
DPTR.
This bit is automatically reset after each byte written to flash. Writes
to this bit are inhibited when interrupts are enabled.
Bit 1 (FLSH_MEEN): Mass Erase Enable:
0 – Mass Erase disabled (default).
1 – Mass Erase enabled.
Must be re-written for each new Mass Erase cycle.
Bit 6 (SECURE):
Enables security provisions that prevent external reading of flash
memory and CE program RAM. This bit is reset on chip reset and
may only be set. Attempts to write zero are ignored.
Bit 7 (PREBOOT):
Indicates that the preboot sequence is active.
WDI
0xE8
R/W
R/W
W
Only byte operations on the whole WDI register
should be used when writing. The byte must have all
bits set except the bits that are to be cleared.
The multi-purpose register WDI contains the following bits:
Bit 0 (IE_XFER): XFER Interrupt Flag:
This flag monitors the XFER_BUSY interrupt. It is set by hardware
and must be cleared by the interrupt handler
Bit 1: Reserved
Bit 7 (WD_RST): WD Timer Reset:
Read: Reads the PLL_FALL interrupt flag
Write 0: Clears the PLL_FALL interrupt flag
Write 1: Resets the watch dog timer
INTBITS
INT0…INT6
0xF8
R
Interrupt inputs. The MPU may read these bits to see the input to
external interrupts INT0, INT1, up to INT6. These bits do not have
any memory and are primarily intended for debug use
Table 11: Special Function Registers
Instruction Set
All instructions of the generic 8051 microcontroller are supported. A complete list of the instruction set and of the associated
op-codes is contained in the 71M6521 Software User’s Guide (SUG).
UART
The 71M6521BE includes a UART (UART0) that can be programmed to communicate with a variety of AMR modules. A
second UART (UART1) is connected to the optical port, as described in the optical port description.
The UART is a dedicated 2-wire serial interface, which can communicate with an external host processor at up to 38,400 bits/s
((with MPU clock = 1.2288MHz). The operation of each pin is as follows:
RX: Serial input data are applied at this pin. Conforming to RS-232 standard, the bytes are input LSB first.
TX: This pin is used to output the serial data. The bytes are output LSB first.


Similar Part No. - 71M6521BE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521DE MAXIM-71M6521DE Datasheet
2Mb / 107P
   Energy Meter ICs
2012
logo
Teridian Semiconductor ...
71M6521DE-IGT/F TERIDIAN-71M6521DE-IGT/F Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521DE-IGT/F MAXIM-71M6521DE-IGT/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
More results

Similar Description - 71M6521BE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com