Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6521BE Datasheet(PDF) 28 Page - Teridian Semiconductor Corporation

Part # 71M6521BE
Description  Energy Meter IC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6521BE Datasheet(HTML) 28 Page - Teridian Semiconductor Corporation

Back Button 71M6521BE Datasheet HTML 24Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 25Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 26Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 27Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 28Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 29Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 30Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 31Page - Teridian Semiconductor Corporation 71M6521BE Datasheet HTML 32Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
71M6521BE
Energy Meter IC
DATA SHEET
JANUARY 2008
Page: 28 of 97
© 2005-2008 TERIDIAN Semiconductor Corporation
V1.0
Special Function Registers for the WD Timer
Interrupt Enable 0 Register (IEN0):
MSB
LSB
EAL
WDT
ET2
ES0
ET1
EX1
ET0
EX0
Table 26: The IEN0 Register (see also Table 32)
Bit
Symbol
Function
IEN0.6
WDT
Watchdog timer refresh flag.
Set to initiate a refresh of the watchdog timer. Must be set directly before SWDT is
set to prevent an unintentional refresh of the watchdog timer. WDT is reset by
hardware 12 clock cycles after it has been set.
Table 27: The IEN0 Bit Functions (see also Table 32)
Note: The remaining bits in the IEN0 register are not used for watchdog control
Interrupt Enable 1 Register (IEN1):
MSB
LSB
EXEN2
SWDT
EX6
EX5
EX4
EX3
EX2
Table 28: The IEN1 Register (see also Tables 30/31)
Bit
Symbol
Function
IEN1.6
SWDT
Watchdog timer start/refresh flag.
Set to activate/refresh the watchdog timer. When directly set after setting WDT, a
watchdog timer refresh is performed. Bit SWDT is reset by the hardware 12 clock
cycles after it has been set.
Table 29: The IEN1 Bit Functions (see also Tables 31/32)
Note: The remaining bits in the IEN1 register are not used for watchdog control


Similar Part No. - 71M6521BE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521DE MAXIM-71M6521DE Datasheet
2Mb / 107P
   Energy Meter ICs
2012
logo
Teridian Semiconductor ...
71M6521DE-IGT/F TERIDIAN-71M6521DE-IGT/F Datasheet
1Mb / 101P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6521DE-IGT/F MAXIM-71M6521DE-IGT/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
More results

Similar Description - 71M6521BE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com