Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6515H Datasheet(PDF) 28 Page - Teridian Semiconductor Corporation

Part # 71M6515H
Description  Energy Meter IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6515H Datasheet(HTML) 28 Page - Teridian Semiconductor Corporation

Back Button 71M6515H Datasheet HTML 24Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 25Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 26Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 27Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 28Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 29Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 30Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 31Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 32Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
71M6515H
Energy Meter IC
DATA SHEET
MARCH 2008
Page: 28 of 57
© 2005-2008 TERIDIAN Semiconductor Corporation
V1.4
Registers in Alphabetical Order
Name
Address
(hex)
R/W
Default
Group
Comment
APULSEW
APULSER
APULSE3
APULSE4
0x30
0x31
0x32
0x33
R/W
R/W
R/W
R/W
0
0
0
0
Pulse Generation Control
CAL_IA
CAL_VA
0x24
0x25
R/W
R/W
2
14
2
14
Calibration
CAL_IB
CAL_VB
0x26
0x27
R/W
R/W
2
14
2
14
Calibration
CAL_IC
CAL_VC
0x28
0x29
R/W
R/W
2
14
2
14
Calibration
CE_DATA
0x63
R/W
N/A
Control of Basic Functions
CE_DATA_ADDR
0x61
R/W
N/A
Control of Basic Functions
CE_DATA_INC
0x65
R/W
N/A
Control of Basic Functions
CE_PROG
0x62
R/W
N/A
Control of Basic Functions
CE_PROG_ADDR
0x60
R/W
N/A
Control of Basic Functions
CE_PROG_INC
0x64
R/W
N/A
Control of Basic Functions
CONFIG
0x16
R/W
0
Control of Basic Functions
CREEP_THRSLD
0x1D
R/W
6000
Alarms and Thresholds
DEG_SCALE
0x1C
R/W
22721
Temperature
D_CONFIG
0x1A
R/W
15
I/O Control
FREQ_DELTA_T
0x11
R
N/A
Outputs, Temperature
GAIN_ADJ
0x4E
R
16384
Temperature
Compensation
IASQFRACT
IBSQFRACT
ICSQFRACT
0x4A
0x4B
0x4C
R
R
R
N/A
N/A
N/A
Outputs
IASQSUM
IBSQSUM
ICSQSUM
0x39
0x3A
0x3B
R
R
R
N/A
N/A
N/A
Outputs
INSQFRACT
0x4D
R
N/A
Outputs
INSQSUM
0x3C
R
N/A
Outputs
IPHASE_ABC
0x0F
R
N/A
Outputs
Uses the post-
processor
IRMS_A
IRMS_B
IRMS_C
0x0C
0x0D
0x0E
R
R
R
N/A
N/A
N/A
Outputs
Uses the post-
processor
KVAR
0x2F
R
6444
Calibration
Do not change
MAIN_EDGE_ COUNT
0x35
R
N/A
Outputs
OP_TIME
0x1E
R/W
0
Time


Similar Part No. - 71M6515H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6515H TERIDIAN-71M6515H Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
71M6515H-IGT TERIDIAN-71M6515H-IGT Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
71M6515H-IGTR TERIDIAN-71M6515H-IGTR Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
71M6515H-IGTW1 TERIDIAN-71M6515H-IGTW1 Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
71M6515H-IGTWR1 TERIDIAN-71M6515H-IGTWR1 Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
More results

Similar Description - 71M6515H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com