Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6403 Datasheet(PDF) 19 Page - Teridian Semiconductor Corporation

Part # 71M6403
Description  Electronic Trip Unit
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6403 Datasheet(HTML) 19 Page - Teridian Semiconductor Corporation

Back Button 71M6403 Datasheet HTML 15Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 16Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 17Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 18Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 19Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 20Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 21Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 22Page - Teridian Semiconductor Corporation 71M6403 Datasheet HTML 23Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
71M6403
Electronic Trip Unit
SEPTEMBER 2006
Page: 19 of 75
© 2006 TERIDIAN Semiconductor Corporation
REV 1.0
Port Registers: The I/O ports are controlled by Special Function Registers P0, P1, and P2. The contents of the SFR can be
observed on corresponding pins on the chip. Writing a ‘1’ to any of the ports (see Table 9) causes the corresponding pin to be at
high level (V3P3), and writing a ‘0’ causes the corresponding pin to be held at low level (GND). The data direction registers
DIR0, DIR1, and DIR2 define individual pins as input or output pins (see the DIO section in On-Chip Resources for details.
Register
SFR
Address
R/W
Description
P0
0x80
R/W
Register for port 0 read and write operations (pins DIO0…DIO7)
DIR0
0xA2
R/W
Data direction register for port 0. Setting a bit to 1 means that the corresponding pin is
an output.
P1
0x90
R/W
Register for port 1 read and write operations (pins DIO8…DIO15)
DIR1
0x91
R/W
Data direction register for port 1.
P2
0xA0
R/W
Register for port 2 read and write operations (pins DIO16…DIO21)
DIR2
0xA1
R/W
Data direction register for port 2.
Table 9: Port Registers
All four ports on the chip are bi-directional. Each of them consists of a Latch (SFR ‘P0’ to ‘P3’), an output driver, and an input
buffer, therefore the MPU can output or read data through any of these ports if they are not used for alternate purposes.
Special Function Registers Specific to the 71M6403
Table 10 shows the location and description of the 71M6403-specific SFRs.
Register
Alternative
Name
SFR
Address
R/W Description
ERASE
FLSH_ERASE
0x94
W
This register is used to initiate either the Flash Mass Erase cycle or the
Flash Page Erase cycle. Specific patterns are expected for
FLSH_ERASE in order to initiate the appropriate Erase cycle (default =
0x00).
0x55 – Initiate Flash Page Erase cycle. Must be preceded by a write to
FLSH_PGADR @ SFR 0xB7.
0xAA – Initiate Flash Mass Erase cycle. Must be preceded by a write to
FLSH_MEEN @ SFR 0xB2 and the debug port must be
enabled.
Any other pattern written to FLSH_ERASE will have no effect.
PGADDR
FLSH_PGADR
0xB7
R/W Flash Page Erase Address register containing the flash memory page
address (page 0 thru 127) that will be erased during the Page Erase
cycle (default = 0x00).
Must be re-written for each new Page Erase cycle.
EEDATA
0x9E
R/W I
2C EEPROM interface data register
EECTRL
0x9F
R/W I
2C EEPROM interface control register. If the MPU wishes to write a byte
of data to EEPROM, it places the data in EEDATA and then writes the
‘Transmit’ code to EECTRL. The write to EECTRL initiates the transmit
sequence. See the section I2C Interface (EEPROM) for a description of
the command and status bits available for EECTRL.


Similar Part No. - 71M6403

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403-IGT TERIDIAN-71M6403-IGT Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403-IGT/F TERIDIAN-71M6403-IGT/F Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403-IGTF TERIDIAN-71M6403-IGTF Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
More results

Similar Description - 71M6403

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
logo
Schneider Electric
MGL36600SN SCHNEIDER-MGL36600SN Datasheet
144Kb / 2P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip
MGL36800SN SCHNEIDER-MGL36800SN Datasheet
144Kb / 2P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip
MGL36400SA SCHNEIDER-MGL36400SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 400A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36600SA SCHNEIDER-MGL36600SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36800SA SCHNEIDER-MGL36800SA Datasheet
168Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36500SA SCHNEIDER-MGL36500SA Datasheet
168Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 500A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MJL36600SA SCHNEIDER-MJL36600SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 25 kA, 600 VAC, shunt trip 120V
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
logo
Schneider Electric
MGL36800AASA SCHNEIDER-MGL36800AASA Datasheet
169Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, aux switch, shunt trip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com