Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6403 Datasheet(PDF) 69 Page - Teridian Semiconductor Corporation

Part No. 71M6403
Description  Electronic Trip Unit
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6403 Datasheet(HTML) 69 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
71M6403
Electronic Trip Unit
SEPTEMBER 2006
Page: 69 of 75
© 2006 TERIDIAN Semiconductor Corporation
REV 1.0
LCD BOOST
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VDRV Frequency
CK / 1200
Hz
VDRV Sink Current
Vol=1.5V
1.6
3.0
mA
VDRV Source Current
Voh=1.5V
1.2
2.6
mA
VLCD Target Voltage
4.5
5.7
V
VLCD Input Current
VLCD=5.0V, LCD_FS=1F,
LCD_MODE=0,1,2,3
LCD_BSTEN=1
450
µA
LCD DRIVERS
Applies to all COM and SEG pins. Unless otherwise stated, VLCD=5.0V, LCD_FS=1F
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VLC0 Max Voltage (LCD_FS =1F)
With respect to VLCD
-0.2
0
V
VLC0 Min Voltage (LCD_FS =00)
With respect to VLCD*0.7
-0.2
0.2
V
VLC1 Voltage,
1/3 bias
½ bias
With respect to 2*VLCD/3
With respect to VLCD/2
-10
-10
+10
+10
%
%
VLC0 Voltage,
1/3 bias
½ bias
With respect to VLCD/3
With respect to VLCD/2
-15
-10
+15
+10
%
%
Output Impedance
∆ILOAD=10µA
30
kΩ
RESETZ
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reset pulse width
5
µs
Reset pulse fall time
1
µs
COMPARATORS
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Offset Voltage
V2-VBIAS
INEUTRAL-VBIAS
-20
-20
15
15
mV
mV
Hysteresis Current
V2
INEUTRAL
Vin = VBIAS - 100mV
0.8
0.8
1.2
1.2
µA
µA
Response Time
V2
INEUTRAL
+100mV overdrive
0.5
0.5
50
50
µs
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn