Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6403 Datasheet(PDF) 64 Page - Teridian Semiconductor Corporation

Part No. 71M6403
Description  Electronic Trip Unit
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6403 Datasheet(HTML) 64 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
71M6403
Electronic Trip Unit
SEPTEMBER 2006
Page: 64 of 75
© 2006 TERIDIAN Semiconductor Corporation
REV 1.0
SPECIFICATIONS
Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Supplies and Ground Pins:
V3P3D, V3P3A
−0.5V to 4.6V
| V3P3D - V3P3A |
0V to 0.5V
VLCD
-0.5V to 7V
GNDD
-0.5V to +0.5V
Analog Output Pins:
VREF, VBIAS
-1mA to 1mA,
-0.5 to V3P3A+0.5V
V2P5
-1mA to 1mA,
-0.5V to 3.0V
Analog Input Pins:
I0, I1, I2, I3, I4, I5, V2, INEUTRAL
-0.5V to V3P3A+0.5V
CK38
-0.5V to 3.0V
RX
-0.5V to 3.6V
OPT_RX
-1mA to 1mA
-0.5 to V3P3A+0.5V
Digital Input Pins:
DIO0-21, E_RXTX, E_RST, E_ISYNC/BRKRQ
-0.5 to 6V
RESETZ
-0.5 to V3P3D+0.5V
All Other Pins:
Input pins
-5mA to 5mA
-0.5V to V3P3D+0.5V
Output pins
-30mA to 30mA
-0.5 to V3P3D+0.5V
Temperature:
Operating junction temperature (peak, 100ms)
140 °C
Operating junction temperature (continuous)
125 °C
Storage temperature
−45 °C to 165 °C
Solder temperature – 10 second duration
250 °C
ESD Stress:
Pins I0, I1, I2, I3, I4, I5, RX, TX, E_RST, E_TCLK, E_RXTX, E_TBUS[n]
4kV
All other pins
2kV
Stresses beyond Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional
operation at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to GNDA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn