Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6403 Datasheet(PDF) 61 Page - Teridian Semiconductor Corporation

Part No. 71M6403
Description  Electronic Trip Unit
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6403 Datasheet(HTML) 61 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
71M6403
Electronic Trip Unit
SEPTEMBER 2006
Page: 61 of 75
© 2006 TERIDIAN Semiconductor Corporation
REV 1.0
Processed Current Data
Processed current data is available in CE addresses 0x4A through 0x4F, as listed below:
Output
Register
CE Address
Description
I0SQSUM_X
0x4A
LSB = (IMAX/ln8)
2 * 3.3335*10-8 A2 peak
I1SQSUM_X
0x4B
LSB = (IMAX/ln8)
2 * 3.3335*10-8 A2 Peak
I2SQSUM_X
0x4C
LSB = (IMAX/ln8)
2 * 3.3335*10-8 A2 Peak
I3SQSUM_X
0x4D
LSB = (IMAX/ln8)
2 * 3.3335*10-8 A2 Peak
I4SQSUM_X
0x4E
LSB = (IMAX/ln8)
2 * 3.3335*10-8 A2 Peak
I5SQSUM_X
0x4F
LSB = (IMAX/ln8)
2 * 3.3335*10-8 A2 Peak
The CE writes the output data into the I0SQSUM_X, I1SQSUM_X etc. registers at the end of each accumulation interval.
The values for IXSQSUM_X are based on the formula:
+
=
1
_
0
_
CNT
STR
IXSQ
X
IXSQSUM
Overcurrent Detection
The main task in circuit breaker applications is to detect an over-current situation as quickly as possible and to apply the tripping
procedures. The CE firmware has an integrated comparator function that helps to verify each measured sample with reference to
the value stored in the FAULT_THRESH register at address 0x2F. If a sample above the programmed FAULT_TRHESH is
encountered in one of the input signals I0, I1, I2 or I3, the FAULT_PULSE is generated on the DIO7 pin. This pin should be
configured by the MPU to be an output pin and should be internally set to generate an interrupt in order to initiate the necessary
routines of the circuit breaker application firmware. The process for generating the FAULT_PULSE from encountering a sample
above the programmed threshold can be less than 400µs.
CE Register
CE Address
Description
FAULT_THRESH
0x2F
LSB = (IMAX/ln8) * 5.5719*10
-9 A peak
STR_CNT
0x31
STROBE_PULSE =
(STR_CNT + 1) * 3.9673*10
-4 s


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn