Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6403 Datasheet(PDF) 38 Page - Teridian Semiconductor Corporation

Part No. 71M6403
Description  Electronic Trip Unit
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TERIDIAN [Teridian Semiconductor Corporation]
Homepage  http://www.teridian.com
Logo 

71M6403 Datasheet(HTML) 38 Page - Teridian Semiconductor Corporation

Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
71M6403
Electronic Trip Unit
SEPTEMBER 2006
Page: 38 of 75
© 2006 TERIDIAN Semiconductor Corporation
REV 1.0
Comparators (V2, INEUTRAL)
The 71M6403 includes two programmable comparators that are connected to the V2 (comparator 2) and INEUTRAL
(comparator 3) pins. The I/O RAM register COMP_INT (0x2003[4:3]) allows the user to determine if comparators 2 and 3 will
trigger an interrupt to the MPU. The output of each comparator is available in the COMPSTAT register. VBIAS is used as the
threshold, and built-in hysteresis prevents each comparator from repeatedly responding to low-amplitude noise.
Comparators 2 and 3 can be used for early warning of power faults, or for monitoring of battery or other DC voltages. If they are
both selected to interrupt the MPU, their outputs will be XORed together. The voltage at INEUTRAL is also available to the ADC
in the AFE, but the comparator should not be used when INEUTRAL is used for analog measurements.
LCD Drivers
The 71M6403 contains 24 dedicated LCD segment drivers and an additional 18 multi-purpose pins which may be configured as
additional LCD segment drivers (see I/O RAM register LCD_NUM). The 71M6403 is capable of driving between 96 to 168 pixels
of LCD display with 25% duty cycle. At seven segments per digit, the LCD can be designed for 13 to 24 digits for display. Since
each pixel is addressed individually, the LCD display can be a combination of alphanumeric digits and enunciator symbols. The
information to be displayed is written into the lower four bits of I/O RAM registers LCD_SEG0 through LCD_SEG41. Bit 0
corresponds to the segment selected when COM0 pin is active while bit 1 is allocated to COM1.
The LCD driver circuitry is grouped into 4 common outputs (COM0 to COM3) and up to 42 segment outputs (see Table 55). The
typical LCD map is shown below.
SEG0
SEG1
SEG2
SEG3
SEG30
SEG41
COM0
P0
P4
P8
P12
...
P108
...
P164
COM1
P1
P5
P9
P13
P109
...
P165
COM2
P2
P6
P10
P14
...
P110
...
P166
COM3
P3
P7
P11
P15
...
P111
...
P167
Table 55: Liquid Crystal Display Segment Table (Typical)
Note: P0, P1, … Represent the pixel/segment numbers on the LCD.
A charge pump suitable for driving VLCD is included on-chip. This circuit creates 5V from the 3.3V supply. A contrast DAC is
provided that permits the LCD full-scale voltage to be adjusted between VLCD and 70% of VLCD. The LCD_NUM register
defines the number of dual purpose pins used for LCD segment interface.
LCD Voltage Boost Circuitry
A voltage boost circuit may be used to generate 5V from the 3.3V supply to support low-power 5V devices, such as LCDs.
Figure 7 shows a block diagram of the voltage boost circuitry including the voltage regulators for V2P5 and V2P5NV. When
activated using the I/O RAM register LCD_BSTEN (0x2020[7]), the boost circuitry provides an AC voltage at the VDRV output
pin (see the Applications section for details).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn