Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAH-07A1A0 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRAH-07A1A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-07A1A0 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRAH-07A1A0 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-07A1A0 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12 Vdc Input
0.9 Vdc - 3.3 Vdc/7 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
85%
83%
80%
78%
75%
71%
88%
86%
83%
81%
78%
74%
-
-
-
-
-
-
Measured at Vin=12 V, full load and
Ta=25
°C
Switching Frequency
250 kHz
300 kHz
350 kHz
Output Trim Range (wide trim)
-
-
403% Vo
VO=0.9 V
Output Trim Range (narrow trim)
VO=1.2 V-3.3 V
VO=0.9 V
90% Vo
-
-
-
110% Vo
110% Vo
MTBF
8,202,646 hours
Calculated Per Bell Core SR-332
(Vin=12 V; Vo=3.3 V; IO = 5.6 A; Ta =
25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.70 x 0.32
19.81 x 17.78 x 8.13
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.70 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5 g
-
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3 V
-
1 V
Signal High (Unit On)
3.5 V
-
14 V
Remote on/off pin open, unit on.
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal output
voltage of the converter (Vnom) are shown below. The Trim Up resistor should be connected between the Trim
pin and Ground.
05
.
1
06
.
6
=
nom
adj
trimup
V
V
R
Note:
Output voltage Vo=0.9 V when Rtrimup is not connected.
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - SRAH-07A1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-07C BEL-SRAH-07C Datasheet
267Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-07C090 BEL-SRAH-07C090 Datasheet
267Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-07C120 BEL-SRAH-07C120 Datasheet
267Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-07C150 BEL-SRAH-07C150 Datasheet
267Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-07C180 BEL-SRAH-07C180 Datasheet
267Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-07A1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com