Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHCA-501Q31U Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # RHCA-501Q31U
Description  SURGE ABSORBER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RHCA-501Q31U Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  RHCA-501Q31U Datasheet HTML 1Page - Okaya Electric America, Inc. RHCA-501Q31U Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
RHCA3216 SERIES
SURGEABSORBER
a
b
P0
P2
A
P1
t 2
t 1
φD0
φD1
t
E
C
D
r
A
W
4.0
±0.1
a
bc
1.8 ~ 2.5
3.8 ~ 5.5
1.2 ~ 2.0
1.8 ~ 2.5
2.4 ~ 3.6
1.2 ~ 1.6
ABW
1.9
±0.1
3.5
±0.1
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.05
0
1
1
2
φ1.5
φ1.1±0.1
0.25
±0.05
1.7
±0.1
1.0
ABC
φ180
φ60
φ13.0±0.2
φ21±0.8
2.0
±0.5
9.0
1.6
±0.5
+0.1
-0
+1.0
-0.5
+1.0
-0
+0
-1.5
Land
Solder resist
Dimensions (mm)
Reflow Soldering
Flow Soldering
n Recommended Land Pattern
n Taping Dimensions
n Reel Dimensions
Unit: mm
Unit: mm
(2000pcs per one reel)
RHCA
Series
201
DC Breakdown
Voltage
201: 201X10 =200V
Q
Tolerance
Q
±30%
P
±20%
31
Size
31
3.2(L)
×1.6(W)
U
Packing form
U
Taping
Part Numbering Systems


Similar Part No. - RHCA-501Q31U

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RHCA-501Q43U OKAYA-RHCA-501Q43U Datasheet
514Kb / 2P
   SURGE ABSORBER
More results

Similar Description - RHCA-501Q31U

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HAE-301M HUAXINAN-HAE-301M Datasheet
350Kb / 8P
   Surge Absorber
HA41-141N HUAXINAN-HA41-141N Datasheet
361Kb / 7P
   Surge Absorber
logo
Okaya Electric America,...
RA-501M-V7 OKAYA-RA-501M-V7 Datasheet
904Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
   Surge Absorber
logo
Okaya Electric America,...
R-221D OKAYA-R-221D Datasheet
290Kb / 1P
   SURGE ABSORBER
RA-800P-C6 OKAYA-RA-800P-C6 Datasheet
680Kb / 2P
   SURGE ABSORBER
RHCA-900Q43U OKAYA-RHCA-900Q43U Datasheet
514Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAH-152M HUAXINAN-HAH-152M Datasheet
341Kb / 6P
   Surge Absorber
logo
Okaya Electric America,...
R28-900-BHL OKAYA-R28-900-BHL Datasheet
706Kb / 2P
   SURGE ABSORBER
logo
Shanghai Leiditech Elec...
LL102 LEIDITECH-LL102 Datasheet
3Mb / 1P
   Surge Absorber
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com