Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBA-06E1A0 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SRBA-06E1A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBA-06E1A0 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SRBA-06E1A0 Datasheet HTML 1Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 2Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 3Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 4Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 5Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 6Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 7Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 8Page - Bel Fuse Inc. SRBA-06E1A0 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input
0.75 Vdc - 5.0 Vdc/6 A Output
Input Specifications (continue)
Parameter
Min
Typ
Max
Notes
I
2t Inrush Current Transient
-
0.002 A
2s
0.02 A
2s
Turn-on Voltage Threshold
Vo, set
 3.3 V
Vo, set = 5.0 V
-
-
4.3 V
6.0 V
4.5 V
6.5 V
Turn-off Voltage Threshold
Vo, set
 3.3 V
Vo, set = 5.0 V
-
-
4.0 V
5.5 V
4.3 V
6.0 V
Shut down or below 90% set
point.
Note: All specifications are typical at 25
C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=12 V, Io=Io max
Output Voltage Set Point
-2.5%Vo,set
-
3.5%Vo,set
Over all operating input voltage,
resistive load, and temperature
conditions
Load Regulation
-
0.4%Vo,set
-
Io=Iomin to Iomax
Line Regulation
-
0.3%Vo,set
-
Vin=Vinmin to Vinmax
Regulation Over Temperature
(-40
C to +85C)
-
0.5%Vo,set
-
Tref=Tamin to Tamax
Output Current
0 A
-
6 A
Current Limit Threshold
6.8 A
-
15 A
Short Circuit Surge Transient
-
0.25 A
2s
-
Ripple and Noise (pk-pk)
Vo=5.0 V
Vo=3.3 V
Vo=0.75 V
-
-
-
100 mV
80 mV
35 mV
140 mV
120 mV
70 mV
Ripple and Noise (rms)
Vo=5.0 V
Vo=3.3 V
Vo=0.75 V
-
-
-
35 mV
25 mV
10 mV
50 mV
40 mV
15 mV
Tested with 0-20 MHz BW, with
external 10 uF/10 V tantalum
capacitor & 1 uF/10 V ceramic
capacitor at the output
Turn on Time
-
6 mS
12 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
ESR
 1mohm
ESR
 10mohm
0 uF
0 uF
-
-
1000 uF
2200 uF
Transient Response
50% ~ 100% Max Load
-
200 mV
350 mV
Settling Time
-
25 uS
50 uS
100% ~ 50% Max Load
-
200 mV
350 mV
Settling Time
VO =
0.75 -5.0 V
-
25 uS
50 uS
di/dt=2.5 A/uS; Vin=12 V; and
with 10 uF/10 V tantalum
capacitor & 1 uF/10 V ceramic
capacitor at the output.
Note: All specifications are typical at nominal input (Vin=12 V), full load at 25 C unless otherwise stated.


Similar Part No. - SRBA-06E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBA-06E2AX BEL-SRBA-06E2AX Datasheet
329Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBA-06E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com