Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33972AEW/R2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCZ33972AEW/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33972AEW/R2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33972AEW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33972AEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33972
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic Voltage Thresholds(11)
VINLOGIC
0.8
2.2
V
SCLK, SI, Tri-state SO Input Current
0 V to VDD
ISCLK, ISI,
ISO(TRI)
-10
10
μA
CS
Input Current
CS
= VDD
ICS
-10
10
μA
CS
Pull-up Current
CS
= 0 V
ICS
30
100
μA
SO High-state Output Voltage
ISO(HIGH) = -200 μA
VSO(HIGH)
VDD -0.8
VDD
V
SO Low-state Output Voltage
ISO(HIGH) = 1.6mA
VSO(LOW)
0.4
V
Input Capacitance on SCLK, SI, Tri-state SO(12)
CIN
20
pF
INT
Internal Pull-up Current
15
40
100
μA
INT
Voltage
INT
= Open Circuit
VINT(HIGH)
VDD -0.5
VDD
V
INT
Voltage
IINT = 1.0 mA
VINT(LOW)
0.2
0.4
V
WAKE
Internal Pull-up Current
IWAKE(PU)
20
40
100
μA
WAKE
Voltage
WAKE
= Open Circuit
VWAKE(HIGH)
4.0
4.3
5.3
V
WAKE
Voltage
IWAKE = 1.0 mA
VWAKE(LOW)
0.2
0.4
V
WAKE
Voltage
Maximum Voltage Applied to WAKE Through External Pull-up
VWAKE(MAX)
40
V
Notes
11.
Upper and lower logic threshold voltage levels apply to SI, CS, and SCLK.
12.
This parameter is guaranteed by design but is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.1 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted.(7) Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33972AEW/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33972AEW/R2 FREESCALE-MCZ33972AEW/R2 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Similar Description - MCZ33972AEW/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com