Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33937EK/R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCZ33937EK/R2
Description  Three Phase Field Effect Transistor Pre-driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33937EK/R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33937EK/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33937EK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33937
PIN CONNECTIONS
12
PA_HS
Digital Input
Phase A High Side
Active low input logic signal enables the High Side Driver for Phase A
13
PA_LS
Digital Input
Phase A Low Side
Active high input logic signal enables the Low Side Driver for Phase A
14
VDD
Analog Output
VDD Regulator
VDD regulator output capacitor connection.
15
PB_HS
Digital Input
Phase B High Side
Active low input logic signal enables the High Side Driver for Phase B
16
PB_LS
Digital Input
Phase B Low Side
Active high input logic signal enables the Low Side Driver for Phase B
17
INT
Digital Output
Interrupt
Interrupt pin output
18
CS
Digital Input
Chip Select
Chip Select input. It frames SPI commands and enables SPI port
19
SI
Digital Input
Serial In
Input data for SPI port. Clocked on the falling edge of SCLK, MSB first
20
SCLK
Digital Input
Serial Clock
Clock for SPI port and typically is 3.0 MHz
21
SO
Digital Output
Serial Out
Output data for SPI port. Tri-state until CS becomes low
22
PC_LS
Digital Input
Phase C Low Side
Active high input logic signal enables the Low Side Driver for Phase C
23
PC_HS
Digital Input
Phase C High Side
Active low input logic signal enables the High Side Driver for Phase C
24
AMP_OUT Analog Output
Amplifier Output
Output of the current-sensing amplifier
25
AMP_N
Analog Input
Amplifier Invert
Inverting input of the current-sensing amplifier
26
AMP_P
Analog Input
Amplifier Non-Invert
Non-inverting input of the current-sensing amplifier
27
OC_OUT
Digital Output
Over-current Out
Totem pole digital output of the Over-current Comparator
28
OC_TH
Analog Input Over-current Threshold Threshold of the over-current detector
29
VSS
Ground
Voltage Source Supply Ground reference for logic interface and power supplies
30, 31
GND
Ground
Ground
Substrate and ESD reference, connect to VSS
32
VLS_CAP
Analog Output VLS Regulator Output
Capacitor
VLS Regulator connection for additional output capacitor, providing low
impedance supply source for Low Side Gate Drive
34
PC_LS_S
Power Input
Phase C Low Side
Source
Source connection for Phase C Low Side FET
35
PC_LS_G
Power Output Phase C Low Side Gate
Drive
Gate drive output for Phase C Low Side
36
PC_HS_S
Power Input
Phase C High Side
Source
Source connection for Phase C High Side FET
37
PC_HS_G
Power Output
Phase C High Side
Gate Drive
Gate Drive for output Phase C High Side FET
38
PC_BOOT
Analog Input
Phase C Bootstrap
Bootstrap capacitor for Phase C
39
PB_LS_S
Power Input
Phase B Low Side
Source
Source connection for Phase B Low Side FET
40
PB_LS_G
Power Output Phase B Low Side Gate
Drive
Gate Drive for output Phase B Low Side
41
PB_HS_S
Power Input
Phase B High Side
Source
Source connection for Phase B High Side FET
42
PB_HS_G
Power Output
Phase B High Side
Gate Drive
Gate Drive for output Phase B High Side
43
PB_BOOT
Analog Input
Phase B Bootstrap
Bootstrap capacitor for Phase B
44
PA_LS_S
Power Input
Phase A Low Side
Source
Source connection for Phase A Low Side FET
Table 2. 33937 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 23.
Pin
Pin Name
Pin Function
Formal Name
Definition


Similar Part No. - MCZ33937EK/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33937EK/R2 FREESCALE-MCZ33937EK/R2 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
More results

Similar Description - MCZ33937EK/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com