Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA2080T1409 Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # LA2080T1409
Description  Temperature Compenstated Low Noise Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA2080T1409 Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  LA2080T1409 Datasheet HTML 1Page - American Accurate Components, Inc. LA2080T1409 Datasheet HTML 2Page - American Accurate Components, Inc. LA2080T1409 Datasheet HTML 3Page - American Accurate Components, Inc. LA2080T1409 Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Temperature Compenstated Low Noise Amplifiers
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
4
American Accurate Components, Inc.
Amplifiers
Coaxial
Temperature Compensated Low Noise Medium Power Amplifiers 1 to 18GHz
Freq. Range
Gain
Noise Figure
Pout@1dB
Flatness
IP3
VSW R
Current
P/N
(dB)
(dB)
(dBm)
(dB)
(dBm)
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
LA1020T3220
1 - 2
28
35
4.0
20
± 2
30
2:1
350
4I,4MH
LA2040T2120
2 - 4
18
24
4.5
20
± 1.8
30
2:1
250
4I,4MH
LA2040T2820
2 - 4
24
31
4.5
20
± 1.8
30
2:1
300
4I,4MH
LA2040T3520
2 - 4
31
39
5
20
± 2.0
30
2:1
350
6I,6MH
LA2040T4220
2 - 4
37
46
5
20
± 2.0
30
2:1
400
6I,6MH
LA2080T2120
2 - 8
17
24
5
20
± 2.0
30
2:1
250
4I,4MH
LA2080T2820
2 - 8
24
32
4.5
20
± 2
30
2:1
300
4I,4MH
LA2080T3520
2 - 8
31
39
4.5
20
± 2.0
30
2:1
350
6I,6MH
LA2080T4220
2 - 8
37
46
5
20
± 2.5
30
2:1
450
6I,6MH
LA2018T2420
2 - 18
20
28
6.5
20
± 2.5
30
2.2:1
300
6I,6MH
LA2018T3220
2 - 18
27
36
4.5
20
± 2.5
30
2.2:1
450
6I,6MH
LA2018T4020
2 - 18
35
46
4.5
20
± 3
28
2.5:1
480
6I,6MH
LA4080T2120
4 - 8
18
24
5
20
± 2
30
2:1
250
4I,4MH
LA4080T2820
4 - 8
24
31
4.5
20
± 2
30
2:1
350
4I,4MH
LA4080T3520
4 - 8
31
39
5
20
± 2.2
30
2:1
400
6I,6MH
LA4080T4215
4 - 8
37
46
5
20
± 2.2
30
2:1
450
6I,6MH
LA6018T2120
6 - 18
17
24
5
20
± 2
30
2:1
280
4I,4MH
LA6018T2820
6 - 18
24
32
5
20
± 2
30
2:1
380
4I,4MH
LA6018T3520
6 - 18
31
39
5.5
20
± 2.2
30
2:1
380
8I,46
LA6018T4220
6 - 18
37
46
5.5
20
± 2.5
30
2:1
400
8I,46
LA6018T4920
6 - 18
44
53
5.5
20
± 2.8
30
2:1
480
8I,46
LA8012T2120
8 - 12
17
24
5.5
20
± 1.5
30
2:1
250
4I,4MH
LA8012T2820
8 - 12
24
31
4.5
20
± 1.5
30
2:1
350
4I,4MH
LA8012T3520
8 - 12
31
39
5.5
20
± 1.8
30
2:1
450
6I,6MH
LA8012T4220
8 - 12
37
46
5.5
20
± 2.0
30
2:1
450
8I,46
LA8012T4920
8 - 12
44
53
5.5
20
± 2.0
30
2:1
500
8I,46
LA8018T2120
8 - 18
17
24
5
20
± 1.8
30
2:1
280
4I,4MH
LA8018T2820
8 - 18
24
32
4.5
20
± 1.8
30
2:1
380
4I,4MH
LA8018T3520
8 - 18
31
39
5
20
± 1.8
30
2:1
380
6I,6MH
LA8018T4220
8 - 18
37
46
5.5
20
± 2.0
30
2:1
400
8I,46
LA8018T4920
8 - 18
44
53
5.5
20
± 2.2
30
2:1
450
8I,46
Notes:
1. Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Designs Available


Similar Part No. - LA2080T1409

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
LA2080N1409 AAC-LA2080N1409 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N1813 AAC-LA2080N1813 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N2109 AAC-LA2080N2109 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N2113 AAC-LA2080N2113 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2080N2120 AAC-LA2080N2120 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
More results

Similar Description - LA2080T1409

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
STMicroelectronics
BCY58 STMICROELECTRONICS-BCY58 Datasheet
99Kb / 6P
   LOW NOISE AUDIO AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com