Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDD595-65F-XX-RP9-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LDD595-65F-XX-RP9-PF
Description  DUAL DIGIT LED DISPLAY (0.56 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD595-65F-XX-RP9-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LDD595-65F-XX-RP9-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD595-65F-XX-RP9-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 5/8
Unit
Symbol
Parameter
Test Condition For Each Parameter
nm
mcd
nm
μA
λD
Iv
△λ
Ir
IV-M
Luminous Intensity Per Chip
Dominant Wavelength
Spectral Line Half-Width
Reverse Current Any Chip
Luminous Intensity Matching Ratio
Forward Voltage Per Chip
Vf
volt
Vr=5V
If=10mA
If=20mA
If=20mA
Test Condition
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LDD595/65F-XX/RP9-PF


Similar Part No. - LDD595-65F-XX-RP9-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD595-64-XX-PF LIGITEK-LDD595-64-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
More results

Similar Description - LDD595-65F-XX-RP9-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD511-2DBK-XX-RP4-PF LIGITEK-LDD511-2DBK-XX-RP4-PF Datasheet
126Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2SBKS-XX-RP4-PF LIGITEK-LDD511-2SBKS-XX-RP4-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2A-XX-PF LIGITEK-LDD511-2A-XX-PF Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-24-XX-PF LIGITEK-LDD511-24-XX-PF Datasheet
138Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD525-6SBKS-XX-PF LIGITEK-LDD525-6SBKS-XX-PF Datasheet
152Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-24-XX LIGITEK-LDD511-24-XX Datasheet
127Kb / 8P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-25-XX-RP65 LIGITEK-LDD511-25-XX-RP65 Datasheet
128Kb / 8P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD525-64-XX-PF LIGITEK-LDD525-64-XX-PF Datasheet
172Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2SBI-XX-PF LIGITEK-LDD511-2SBI-XX-PF Datasheet
143Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-22V-XX-PF LIGITEK-LDD511-22V-XX-PF Datasheet
137Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com