Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1930-28-04 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LXMG1930-28-04
Description  3-String 5W LED Backlight Boost Driver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1930-28-04 Datasheet(HTML) 6 Page - Microsemi Corporation

  LXMG1930-28-04 Datasheet HTML 1Page - Microsemi Corporation LXMG1930-28-04 Datasheet HTML 2Page - Microsemi Corporation LXMG1930-28-04 Datasheet HTML 3Page - Microsemi Corporation LXMG1930-28-04 Datasheet HTML 4Page - Microsemi Corporation LXMG1930-28-04 Datasheet HTML 5Page - Microsemi Corporation LXMG1930-28-04 Datasheet HTML 6Page - Microsemi Corporation LXMG1930-28-04 Datasheet HTML 7Page - Microsemi Corporation LXMG1930-28-04 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LXMG1930-28-0x
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2009
Rev. 1.1, 2009-11-25
3-String 5W LED Backlight Boost Driver Module
TM
®
SIMPLIFIED BLOCK DIAGRAM
BRITE_A
+5V
2
3
4
1
CN4
1
3
5
2
4
6
CN2
Control
Circuitry
ENABLE
20.5k
+5V
OT
VIN
GND
ANODE
CSA
CSB
CSC
CSA
CSB
CSC
LED High Side Drive Voltage
SW3
SW2
SW1
DIP Switch
1
3
5
2
4
6
CN3
7
8
CSA
CSB
CSC
MECHANICAL DRA WING
Weight: (8g) typ.
69 mm
2.72in.
GROUNDED MOUNTING
HOLE 3.18MM ±.08 DIA.
3.6mm
0.142in.
3.22mm
0.127in
MOUNTING HOLE
3.18MM ±.08 DIA.
Dimensions are in millimeters (inches are for reference only)
PCB tolerances ± 0.5mm , M3 recommended mounting screws
53.48mm ±0.2
2.11in.
CN1
S1
SW1
SW2
SW3
SW4
6.0 mm MAX
0.236 in.
1.0 mm
0.039 in.
CN2
CN4
27.9 mm
1.098 in.
CN3
21.08 mm ±0.2
0.83 in.
49.88mm ±0.2
1.96in.


Similar Part No. - LXMG1930-28-04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1960-28-01 MICROSEMI-LXMG1960-28-01 Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
LXMG1960-28-03 MICROSEMI-LXMG1960-28-03 Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
More results

Similar Description - LXMG1930-28-04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
ON Semiconductor
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com