Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1930-28-03 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1930-28-03
Description  3-String 5W LED Backlight Boost Driver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1930-28-03 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1930-28-03 Datasheet HTML 1Page - Microsemi Corporation LXMG1930-28-03 Datasheet HTML 2Page - Microsemi Corporation LXMG1930-28-03 Datasheet HTML 3Page - Microsemi Corporation LXMG1930-28-03 Datasheet HTML 4Page - Microsemi Corporation LXMG1930-28-03 Datasheet HTML 5Page - Microsemi Corporation LXMG1930-28-03 Datasheet HTML 6Page - Microsemi Corporation LXMG1930-28-03 Datasheet HTML 7Page - Microsemi Corporation LXMG1930-28-03 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LXMG1930-28-0x
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2009
Rev. 1.1, 2009-11-25
3-String 5W LED Backlight Boost Driver Module
TM
®
DIP SW I T CH LED STRING C U RRENT SET TING S
SW1 (5mA)
SW2 (10mA)
SW3 (20mA)
SW4 (not used)
LED String Current
Notes
OFF
OFF
OFF
15mA
Minimum String current
ON
OFF
OFF
20mA
OFF
ON
OFF
25mA
ON
ON
OFF
30mA
OFF
OFF
ON
35mA
ON
OFF
ON
40mA
OFF
ON
ON
45mA
ON
ON
ON
50mA
Maximum String Current
1
2
34
ON
UP - ON
DOWN - OFF
DIP Switch
S1
Example shows S1 programmed for 25mA LED String Current


Similar Part No. - LXMG1930-28-03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1960-28-01 MICROSEMI-LXMG1960-28-01 Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
LXMG1960-28-03 MICROSEMI-LXMG1960-28-03 Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
More results

Similar Description - LXMG1930-28-03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
ON Semiconductor
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com