Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDD335-65-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part No. LDD335-65-XX-PF
Description  DUAL DIGIT LED DISPLAY (0.36 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LDD335-65-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4/8
Page
UNIT
mA
mA
mW
Ratings
Symbol
30
100
100
IF
PD
IFP
SR
Parameter
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
Min.
Typ.
Iv(mcd)
IV-M
3.05
1.75
2:1
10
-25 ~ +85
-25 ~ +85
Ir
Topr
Tstg
Operating Temperature
Storage Temperature
Reverse Current Per Any Chip
Max.
Typ.
Vf(v)
△λ
(nm)
Min.
2.4
1.8
1.5
20
λP
(nm)
common
cathode
or anode
660
Common
Cathode
Common
Anode
CHIP
Material
PART NO
GaAlAs
LDD3355-XX-PF
LDD3365-XX-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Red
Emitted
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
Electrical
PART NO. LDD335/65-XX-PF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn