Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1627-12-42 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXMG1627-12-42
Description  12V Dual 4W Programmable CCFL Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1627-12-42 Datasheet(HTML) 4 Page - Microsemi Corporation

  LXMG1627-12-42 Datasheet HTML 1Page - Microsemi Corporation LXMG1627-12-42 Datasheet HTML 2Page - Microsemi Corporation LXMG1627-12-42 Datasheet HTML 3Page - Microsemi Corporation LXMG1627-12-42 Datasheet HTML 4Page - Microsemi Corporation LXMG1627-12-42 Datasheet HTML 5Page - Microsemi Corporation LXMG1627-12-42 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2009
Rev. 1.0, 2009-06-22
PanelMatch™
LXMG1627-12-4x
12V Dual 4W Programmable CCFL Inverter Module
TM
®
TABLE 1
OUTPUT CURRENT SETTINGS
SET1
(Pin 7)
SET2
(Pin 8)
Nominal Output Current
Open*
Open*
6.5mA
Open*
Ground
6.0mA
Ground
Open*
5.5mA
Ground
Ground
5.0mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHYSICAL DIMENSIONS
L X MG1627 -12-4X
CN1
11mm
0
.433 in
4mm
0.157 in
114mm
4.488 in.
CN3
125mm
4.921 in.
CN1
1mm ± 0.1
0.0395 in.
6mm Max
0.236in.
weight: 18g typ.
30mm
1.181in
PCB tolerances ± 0.5mm , 3mm recommended mounting screws
GROUNDED MOUNTING HOLE 3.18MM ±.08 DIA.
6MM HEAD CLEARANCE BOTH HOLES
MOUNTING HOLE 3.18MM ±.08 DIA.
103mm ±0.2
4.055 in.
Warning
High Voltage is present at
high side of each transformer,
its core and the high side of
the output connector pins,
please provide at least 3 mm
clearance (in all directions) on
the component side of the
board to any conductor when
mounting
CN2
CN3
CN2
22mm ± 0.2mm
0.866in
Dimensions are in millimeters (inches for reference only)
SIMPLIFIED BLOCK DIAGRAM
Ramp
Gen
Transformer
Driver
+
-
VLO
VHI
Comparator
Ramp
BRITE
SET1
High Voltage
Transformer
ISENSE
OVSENSE
SET2
249k
47k
+4.2V
VIN
47k
Controller
One of two
+4.2V
+4.2V
49.9k


Similar Part No. - LXMG1627-12-42

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1627-12-44 MICROSEMI-LXMG1627-12-44 Datasheet
184Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1627-12-42

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1624-12-4X MICROSEMI-LXM1624-12-4X Datasheet
187Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1623-12-4X MICROSEMI-LXMG1623-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-4X MICROSEMI-LXMG1624-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXM1623-12-4X MICROSEMI-LXM1623-12-4X Datasheet
198Kb / 7P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1623-12-44 MICROSEMI-LXMG1623-12-44 Datasheet
183Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1627-12-44 MICROSEMI-LXMG1627-12-44 Datasheet
184Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1618A-12-4X MICROSEMI-LXMG1618A-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1617-12-4X MICROSEMI-LXM1617-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X_10 Datasheet
184Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617-12-4X MICROSEMI-LXMG1617-12-4X Datasheet
166Kb / 6P
   12V 4W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com