Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDD305-65-XX-S2-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LDD305-65-XX-S2-PF
Description  DUAL DIGIT LED DISPLAY (0.30 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD305-65-XX-S2-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LDD305-65-XX-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD305-65-XX-S2-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2.5
3.0
100
10
Forward Current(mA)
1.5
2.0
0.5
1.0
1.0
0.0
5.0
Fig.2 Relative Intensity vs. Forward Current
1000
Page
3.0
2.0
1.0
1.5
2.5
Fig.4 Relative Intensity vs. Temperature
80
60
20
0
40
0.0
-40
80
100
Ambient Temperature(
)
-20
0.5
100
750
1000
SR CHIP
3.0
2.0
1.0
Forward Voltage(V)
1.0
10
0.1
100
1.2
1.1
0.9
1.0
20
40
60
-40
-200
0.8
700
600
650
0.0
0.5
Wavelength (nm)
1.0
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
4.0
LDD305/65-XX/S2-PF
6/8


Similar Part No. - LDD305-65-XX-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD305-65-XX-PF LIGITEK-LDD305-65-XX-PF Datasheet
165Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-65-XX-RP35-PF LIGITEK-LDD305-65-XX-RP35-PF Datasheet
167Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
More results

Similar Description - LDD305-65-XX-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD305-61-XX-RP128-PF LIGITEK-LDD305-61-XX-RP128-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-62-XX-PF LIGITEK-LDD305-62-XX-PF Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-61-XX-PF LIGITEK-LDD305-61-XX-PF Datasheet
139Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-61-XX LIGITEK-LDD305-61-XX Datasheet
93Kb / 8P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-66F-XX-PF LIGITEK-LDD305-66F-XX-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-61-XX-RP35-PF LIGITEK-LDD305-61-XX-RP35-PF Datasheet
161Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-64-XX-PF LIGITEK-LDD305-64-XX-PF Datasheet
142Kb / 10P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-64-XX-S2-PF LIGITEK-LDD305-64-XX-S2-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-65-XX LIGITEK-LDD305-65-XX Datasheet
93Kb / 8P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-64-XX LIGITEK-LDD305-64-XX Datasheet
92Kb / 8P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com