Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBFN160-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBFN160-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFN160-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBFN160-HF Datasheet HTML 1Page - Comchip Technology CDBFN160-HF Datasheet HTML 2Page - Comchip Technology CDBFN160-HF Datasheet HTML 3Page - Comchip Technology CDBFN160-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
SMD Diodes Specialist
REV:B
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
Marking Code
12
13
14
15
16
Park Number
Marking Code
18
10
X X
QW-JB001
Suggested PAD Layout
SIZE
(inch)
1.500
(mm)
0.059
0.039
0.051
1.000
1.300
SOD-323
Standard Package
Case Type
Qty per Reel
(Pcs)
3000
SOD-323
Reel Size
(inch)
7
A
B
C
A
B
C
CDBFN120-HF
CDBFN120-HF
CDBFN130-HF
CDBFN140-HF
CDBFN150-HF
CDBFN160-HF
CDBFN180-HF
CDBFN1100-HF


Similar Part No. - CDBFN160-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBFN160-HF COMCHIP-CDBFN160-HF Datasheet
95Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBFN160-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com