Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDD305-64-XX-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part No. LDD305-64-XX-PF
Description  DUAL DIGIT LED DISPLAY (0.30 lnch)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LDD305-64-XX-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page 5/8
Unit
Symbol
LDD305/64-XX-PF
PART NO.
Parameter
Test Condition For Each Parameter
nm
mcd
nm
μA
λP
Iv
△λ
Ir
IV-M
Luminous Intensity Per Chip
Peak Wavelength
Spectral Line Half-Width
Reverse Current Any Chip
Luminous Intensity Matching Ratio
Forward Voltage Per Chip
Vf
volt
Vr=5V
If=10mA
If=20mA
If=20mA
Test Condition
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn