Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RHB-40TRXX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0RHB-40TRXX
Description  ISOLATED DC/AC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-40TRXX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0RHB-40TRXX Datasheet HTML 1Page - Bel Fuse Inc. 0RHB-40TRXX Datasheet HTML 2Page - Bel Fuse Inc. 0RHB-40TRXX Datasheet HTML 3Page - Bel Fuse Inc. 0RHB-40TRXX Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-40TRXX Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-40TRXX Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-40TRXX Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/AC CONVERTER
36 Vdc - 75 Vdc Input, 65 Vac - 95 Vac 17.5, 20, 25, 50 Hz/40 W Output
Thermal Derating Curves
With maximum junction temperature of semiconductors derated to 120 degree C.
Vin=48 V
Frequency Setting
Output Frequency
Hz)
OPTF1
OPTF2
17.5
0
0
20
0
1
25
1
0
50
1
1
OPTF1 and OPTF2:
0: Connected to GND
1: Open


Similar Part No. - 0RHB-40TRXX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-40TRG0 BEL-0RHB-40TRG0 Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
0RHB-40TRGL BEL-0RHB-40TRGL Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
0RHB-40TRH BEL-0RHB-40TRH Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
More results

Similar Description - 0RHB-40TRXX

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
BP5710-1 ROHM-BP5710-1_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
logo
Bel Fuse Inc.
0RHB-40TRGL BEL-0RHB-40TRGL Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
logo
Rohm
BP5723-33 ROHM-BP5723-33_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5728 ROHM-BP5728 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5718A12 ROHM-BP5718A12_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com