Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK43743 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LDBK43743
Description  OVAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK43743 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LDBK43743 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
150
Time(sec)
60 Seconds Max
2
°/sec
max
120°
25°
0
Preheat
260°
50
100
5
°/sec
max
260
°C3sec Max
Temp(
°C)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:2mm Min(From solder joint to body)
Page 4/5
PART NO. LDBK43743


Similar Part No. - LDBK43743

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK43740 LIGITEK-LDBK43740 Datasheet
115Kb / 6P
   OVAL TYPE LED LAMPS
LDBK43740-P1 LIGITEK-LDBK43740-P1 Datasheet
135Kb / 6P
   OVAL TYPE LED LAMPS
More results

Similar Description - LDBK43743

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840-P1 LIGITEK-LDGM32840-P1 Datasheet
127Kb / 6P
   OVAL TYPE LED LAMPS
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
   OVAL TYPE LED LAMPS
LDGM13430 LIGITEK-LDGM13430 Datasheet
109Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840 LIGITEK-LDGM32840 Datasheet
138Kb / 6P
   OVAL TYPE LED LAMPS
LWK43742 LIGITEK-LWK43742 Datasheet
151Kb / 7P
   OVAL TYPE LED LAMPS
L8SR13430-PF LIGITEK-L8SR13430-PF Datasheet
110Kb / 6P
   OVAL TYPE LED LAMPS
LDGM23531-S7 LIGITEK-LDGM23531-S7 Datasheet
117Kb / 6P
   OVAL TYPE LED LAMPS
LDGM43743 LIGITEK-LDGM43743 Datasheet
124Kb / 6P
   OVAL TYPE LED LAMPS
LDGL43740 LIGITEK-LDGL43740 Datasheet
134Kb / 6P
   OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com