Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK35540 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDBK35540
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK35540 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBK35540 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK35540 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK35540 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK35540 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK35540 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK35540 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Symbol
ESD
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2.The luminous intensity data did not including
±15% testing tolerance.
Operating Temperature
Storage Temperature
Forward Current
Electrostatic Discharge( * )
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Parameter
-20 ~ +80
20
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@
mA(mcd)
120
Typ.
30
4.0
3.5
65
Max.
Typ.
Min.
110
-30 ~ +100
2/5
Page
mA
30
Ir
150
50
120
100
V
μA
mA
mW
Ratings
DBK
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Dominant
wave
length
λDnm
470
COLOR
Blue
InGaN/GaN
LDBK35540
MATERIAL
PART NO
Emitted
Lens
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LDBK35540
Blue Diffused


Similar Part No. - LDBK35540

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK31040 LIGITEK-LDBK31040 Datasheet
314Kb / 7P
   ROUND TYPE LED LAMPS
LDBK31040-C1-A LIGITEK-LDBK31040-C1-A Datasheet
192Kb / 7P
   ROUND TYPE LED LAMPS
LDBK31040Z-C1-A LIGITEK-LDBK31040Z-C1-A Datasheet
149Kb / 7P
   ROUND TYPE LED LAMPS
LDBK31042Z-S1-J LIGITEK-LDBK31042Z-S1-J Datasheet
191Kb / 6P
   ROUND TYPE LED LAMPS
LDBK31042Z-S2-J LIGITEK-LDBK31042Z-S2-J Datasheet
176Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LDBK35540

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com