Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-80RV8L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RCY-80RV8L
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-80RV8L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RCY-80RV8L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-80RV8L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
18 Vdc - 36 Vdc Input
12 Vdc /10 A, 3.3 Vdc/30 A
Outputs
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response
Overshoot
-
140 mV
180 mV
50% ~ 75%
Max Load
Settling Time
-
150 uS
250 uS
Overshoot
-
140 mV
180 mV
75% ~ 50%
Max Load
Settling Time
Vo=1.8 V
-
150 uS
250 uS
Overshoot
-
200 mV
300 mV
50% ~ 75%
Max Load
Settling Time
-
200 uS
300 uS
Overshoot
-
200 mV
300 mV
75% ~ 50%
Max Load
Settling Time
Vo=3.3 V
-
200 uS
300 uS
Overshoot
-
350 mV
500 mV
50% ~ 75%
Max Load
Settling Time
-
200 uS
300 uS
Overshoot
-
350 mV
500 mV
75% ~ 50%
Max Load
Settling Time
Vo=12 V
-
200 uS
300 uS
di/dt=0.1 A/us, Vin=24 Vdc,
Ta=25 °C, with a 1 µF
ceramic cap and a 10 uF
tantalum cap at output.
Note: All specifications are typical at nominal input, full load at 25°C unless noted.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=1.8 V
Vo=3.3 V
Vo=12 V
88%
90%
91%
90%
91%
93%
-
Vin=24 V, full load
Switching Frequency
270 kHz
300 kHz
330 kHz
Isolation capacitance
-
3900 pF
-
Remote Sense Compensation
-
-
10%
Output Voltage Trim Range
80%
-
110%
The total voltage increased by trim and
remote sense should not exceed 10%Vo.
Over Temperature Protection
-
125
°C
-
Over Voltage Protection
-
125%Vo
-
Vin=24 V, full load, in Hiccup mode.
MTBF
TBD
Calculated Per Bell Core SR-332
(Io=80%load, Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 0.896 x 0.50
58.42 x 22.76 x 12.70
0RCY-80RV8x
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 0.90 x 0.50
58.42 x 22.91 x 12.70
0RCY-80R03x & 0RCY-80R12x
Weight
-
TBD
-
Note: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
2.4 V
-
18 V
The remote on/off pin open, Unit
off.
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
2.4 V
-
18 V
The remote on/off pin open, Unit
on.
Current Sink
0 mA
-
1 mA


Similar Part No. - 0RCY-80RV8L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-80RV8L BEL-0RCY-80RV8L Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-80RV8L BEL-0RCY-80RV8L Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS 18 Vdc - 36 Vdc Input
More results

Similar Description - 0RCY-80RV8L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com