Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRW5247B-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CZRW5247B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRW5247B-HF Datasheet(HTML) 4 Page - Comchip Technology

  CZRW5247B-HF Datasheet HTML 1Page - Comchip Technology CZRW5247B-HF Datasheet HTML 2Page - Comchip Technology CZRW5247B-HF Datasheet HTML 3Page - Comchip Technology CZRW5247B-HF Datasheet HTML 4Page - Comchip Technology CZRW5247B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
SMD Diodes Specialist
B
C
d
D
D2
D1
E
F
P
P0
P1
SOD-123
SYMBOL
A
W
W1
Reel Taping Specification
(mm)
(inch)
0.074 0.004
±
0.157 0.004
±
0.059 0.004
±
0.061 0.004
±
7.008 0.04
±
1.968 MIN.
0.512 0.008
±
SOD-123
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.002
±
0.315 0.012
±
0.567 MAX.
1.90 0.10
±
4.00 0.10
±
4.00 0.10
±
1.55 0.10
±
3.50 0.05
±
1.75 0.10
±
50.0 MIN.
13.0 0.20
±
1.50 0.10
±
4.00 0.10
±
2.00 0.05
±
8.00 0.30
±
14.4 MAX.
178 1
±
Comchip Technology CO., LTD.
SMD Zener Diode
QW-HZ001
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
Polarity
End
REV:B


Similar Part No. - CZRW5247B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5240 COMCHIP-CZRW5240 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRW5240B-G COMCHIP-CZRW5240B-G Datasheet
94Kb / 4P
   Surface Mount Zener Diodes
CZRW5240B-HF COMCHIP-CZRW5240B-HF Datasheet
112Kb / 5P
   SMD Zener Diode
CZRW5241 COMCHIP-CZRW5241 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRW5241B-G COMCHIP-CZRW5241B-G Datasheet
94Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - CZRW5247B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com