Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCM-27S12L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RCM-27S12L
Description  ISOLATED DC/DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCM-27S12L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RCM-27S12L Datasheet HTML 1Page - Bel Fuse Inc. 0RCM-27S12L Datasheet HTML 2Page - Bel Fuse Inc. 0RCM-27S12L Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 VDC Input 12 VDC/27 A Output, 1/4 Brick
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage
36Vin
48Vin
55Vin
-
-
-
8.7 V
11.7 V
13.3 V
-
-
-
Setpoint at no load.
Output Current
0 A
-
27 A
Output Power
-
-
300 W
Load Regulation
-
-
0.4 V
Ripple and Noise (pk-pk)
-
-
150 mV
0 to 20 MHz Bandwidth, use 1.0 uF ceramic
cap and 100 uF/50mOhm tantalum on
output
Load Capacitance
100 uF
(50mohm)
-
3000 uF
Transient Response
Max deviation
Recovery to within ± 1%
-
-
150 mV
50 uS
250 mV
100 uS
di/dt =0 .1 A/uS, Vin =48 V
Ta = 25
°C, 25% load change.
General Specifications
Parameter
Min
Typ
Max
Notes
Switching Frequency
-
96 kHz
-
fixed
Weight
-
TBD
-
Operating Temperature
-40
°C
-
70
°C
Non-Operating Temperature
-55
°C
-
125
°C
Overtemp Shutdown
-
120
°C
-
10
°C hysteresis measured on Q4
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.28 x 1.45 x 0.50
57.9 x 36.8 x 12.7
Protection Features
Short circuit
Over current
Undervoltage
Overvoltage
Latching
110% to 125% max Io
UVLO Vin < 35.0
OVSD Vin>57.0
Remote On/Off
Active Low
(Optional Active High)
Turn on delay
Outupt voltage rise time
0 V
1.0 V
-
-
-
-
2.7 ms
4.3 ms
0.4 V
18 V
-
-
Safety Agency Approvals
(pending)
UL / cUL Recognized Certified to EN60950


Similar Part No. - 0RCM-27S12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCM-20S BEL-0RCM-20S Datasheet
94Kb / 3P
   ISOLATED DC/DC CONVERTERS
0RCM-20S12L BEL-0RCM-20S12L Datasheet
94Kb / 3P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCM-27S12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com