Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVY9S53-TR1 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LVY9S53-TR1
Description  SURFACE MOUNT TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVY9S53-TR1 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LVY9S53-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVY9S53-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVY9S53-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVY9S53-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVY9S53-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVY9S53-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVY9S53-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LVY9S53-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into
the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series
with the LED.
Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd
current should not be allowed to change by more than 40 % of its desired value.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
(A) Recommended circuit.
(B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Circuit model A
LED
Circuit model B
LED
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Precautions For Use:
Storage time:
1.The operation of Temperatures and RH are : 5
~35,RH<60%.
2.Once the package is opened, the products should be used within a week.
Otherwise, they should be kept in a damp proof box with descanting agent.
Considering the tape life, we suggest our customers to use our products within
a year(from production date).
3.If opened more than one week in an atmosphere 5
~ 35,RH<60%,
they should be treated at 60
℃±5 fo r 15hrs.
LVY9S53/TR1
PART NO.
Page 6/7


Similar Part No. - LVY9S53-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVY9S53 LIGITEK-LVY9S53 Datasheet
348Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LVY9S53-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSR9033-TR2 LIGITEK-LSR9033-TR2 Datasheet
99Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR1 LIGITEK-LSEF9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR2 LIGITEK-LSEF9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com