Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK9753 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LDBK9753
Description  AXIAL SERIES LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK9753 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LDBK9753 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK9753 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK9753 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK9753 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK9753 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK9753 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PART NO. LDBK9753
Page 1/4
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1
2
0.55
3.4
±0.5
1
+
2
-
1.15
14.6
1.25
60
°
-60
°
100%
75%
100%
0
50%
25%
50%
25%
75%
-30
°
30
°
0
°
12.7


Similar Part No. - LDBK9753

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK9753-3 LIGITEK-LDBK9753-3 Datasheet
208Kb / 7P
   AXIAL SERIES LED LAMPS
More results

Similar Description - LDBK9753

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG9753-S8-SH LIGITEK-LG9753-S8-SH Datasheet
123Kb / 8P
   AXIAL SERIES LED LAMPS
L9UG9753 LIGITEK-L9UG9753 Datasheet
120Kb / 7P
   AXIAL SERIES LED LAMPS
LG9753 LIGITEK-LG9753 Datasheet
116Kb / 7P
   AXIAL SERIES LED LAMPS
LDBK9753-3 LIGITEK-LDBK9753-3 Datasheet
208Kb / 7P
   AXIAL SERIES LED LAMPS
LDGM9753-3 LIGITEK-LDGM9753-3 Datasheet
142Kb / 7P
   AXIAL SERIES LED LAMPS
LG9753-1 LIGITEK-LG9753-1 Datasheet
69Kb / 5P
   AXIAL SERIES LED LAMPS
logo
A-BRIGHT Inc
AL-XJF361 A-BRIGHT-AL-XJF361 Datasheet
339Kb / 5P
   Super Amber Axial LED Lamps AXIAL LED LAMPS
2006/10/18
AL-XA1361-F9 A-BRIGHT-AL-XA1361-F9 Datasheet
335Kb / 5P
   AXIAL LED LAMPS
2006/10/19
AL-XB3361-F7 A-BRIGHT-AL-XB3361-F7 Datasheet
338Kb / 5P
   AXIAL LED LAMPS
2006/10/18
logo
Yellow Stone Corp
BL-XE1361 YSTONE-BL-XE1361 Datasheet
676Kb / 1P
   AXIAL LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com