Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK9653-30B-AM Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDBK9653-30B-AM
Description  SQUARE WITH 4LEADS TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK9653-30B-AM Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBK9653-30B-AM Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK9653-30B-AM Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK9653-30B-AM Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK9653-30B-AM Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK9653-30B-AM Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK9653-30B-AM Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Dominant
wave
length
λDnm
Typical Electrical & Optical Characteristics (Ta=25
)
InGaN/GaN
MATERIAL
LDBK9653-30B-AM
PART NO
Blue
Water Clear
COLOR
Emitted
Lens
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
4.0
30
3.5
470
Typ. Max.
60
450
700
Typ.
Min.
ESD
Electrostatic Discharge( * )
Operating Temperature
Storage Temperature
Topr
Tstg
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
Ir
PD
IFP
IF
V
150
-20 ~ +80
-30 ~ +100
50
120
100
30
μA
mW
mA
mA
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
Page 2/5
Ratings
DBK
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LDBK9653-30B-AM


Similar Part No. - LDBK9653-30B-AM

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK9653-30B-A-B02 LIGITEK-LDBK9653-30B-A-B02 Datasheet
193Kb / 8P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results

Similar Description - LDBK9653-30B-AM

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653S-30B LIGITEK-LURF9653S-30B Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDBK9653-00 LIGITEK-LDBK9653-00 Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-30B LIGITEK-LUY9653H-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-50A LIGITEK-LUY9653H-50A Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDGM9653Z-30B LIGITEK-LDGM9653Z-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
L20URF9653S-50D-AM LIGITEK-L20URF9653S-50D-AM Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUES9653-30C LIGITEK-LUES9653-30C Datasheet
107Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-00 LIGITEK-LUR9653H-00 Datasheet
143Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-30B-WJ LIGITEK-LUR9653H-30B-WJ Datasheet
92Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com