Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVIR3330 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVIR3330
Description  INFRARED EMITTING DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVIR3330 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVIR3330 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVIR3330 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVIR3330 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVIR3330 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVIR3330 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVIR3330 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVIR3330 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Optical Characteristics (Aa=25
)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Max 260
for 5 sec Max
(2mm from body)
Symbol
Ratings
Parameter
Soldering Temperature
Operating Temperature
Storage Temperature
Tsol
-40 ~ +85
-40 ~ +85
Topr
Tstg
Peak Forward Current
(300PPS,1
μs Pulse)
Reverse Voltage
Forward Current
Power Dissipation
Vr
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
UNIT
V
mA
mW
A
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
VIR
5
50
1
100
Radiant Intensity
Aperture Radiant Incidence
Peak Emission Wavelength
Spectral Line Half Width
Forward Voltage
Reverse Current
Viewing Angle
PARAMETER
SYMBOL
UNIT
TEST CONDITION
IF=20mA
Le
mW/sr
Ee
mW/cm
λpeak
nm
△λ
nm
VR=5V
VFV
IR
μA
2
θ1/2
deg
2
IF=20mA
IF=20mA
IF=20mA
IF=20mA
Min.
Typ.
Max.
6.0
12
0.86
1.7
940
50
1.2
1.6
100
26
Page 2/6
Electrostatic Discharge
ESD
2000
V
PART NO. LVIR3330


Similar Part No. - LVIR3330

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVIR3330-S226-PF LIGITEK-LVIR3330-S226-PF Datasheet
275Kb / 9P
   INFRARED EMITTING DIODES
More results

Similar Description - LVIR3330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com