Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30DL60HJ Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT30DL60HJ
Description  ISOTOP Fast Diode Full Bridge Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30DL60HJ Datasheet(HTML) 1 Page - Microsemi Corporation

  APT30DL60HJ Datasheet HTML 1Page - Microsemi Corporation APT30DL60HJ Datasheet HTML 2Page - Microsemi Corporation APT30DL60HJ Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APT30DL60HJ
www.microsemi.com
1- 3
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
IF(AV)
Maximum Average Forward
Current
Duty cycle = 50%
TC = 80°C
30
IFRM
Maximum repetitive forward current limited
by TJmax
8.3ms
TJ = 45°C
60
A
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
VRRM = 600V
IF = 30A @ Tc = 80°C
Application
Switch mode power supplies rectifier
Induction heating
Welding equipment
High speed rectifiers
Features
Ultra fast recovery times
Soft recovery characteristics
High blocking voltage
High current
Low leakage current
Very low stray inductance
High level of integration
ISOTOP
® Package (SOT-227)
Benefits
Outstanding performance at high frequency operation
Low losses
Low noise switching
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
RoHS Compliant
ISOTOP
®Fast Diode
Full Bridge Power Module
~
~
-
+


Similar Part No. - APT30DL60HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
logo
Thinki Semiconductor Co...
APT30DL60BCT THINKISEMI-APT30DL60BCT Datasheet
3Mb / 5P
   2*30A/600V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
logo
Microsemi Corporation
APT30DL60BCTG MICROSEMI-APT30DL60BCTG Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
logo
Thinki Semiconductor Co...
APT30DL60BCTG THINKISEMI-APT30DL60BCTG Datasheet
3Mb / 5P
   2*30A/600V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
More results

Similar Description - APT30DL60HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60DF20HJ MICROSEMI-APT60DF20HJ Datasheet
79Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT60DF60HJ MICROSEMI-APT60DF60HJ Datasheet
79Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT75DL120HJ MICROSEMI-APT75DL120HJ Datasheet
74Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT50DL120HJ MICROSEMI-APT50DL120HJ Datasheet
74Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT75DL60HJ MICROSEMI-APT75DL60HJ Datasheet
72Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT35DL120HJ MICROSEMI-APT35DL120HJ Datasheet
75Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT60DF100HJ MICROSEMI-APT60DF100HJ Datasheet
76Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT75DF170HJ MICROSEMI-APT75DF170HJ Datasheet
75Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT30DF20HJ MICROSEMI-APT30DF20HJ Datasheet
78Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT30DF60HJ MICROSEMI-APT30DF60HJ Datasheet
77Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT50DF170HJ MICROSEMI-APT50DF170HJ Datasheet
75Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com