Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVG4333 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVG4333
Description  SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVG4333 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVG4333 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVG4333 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVG4333 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVG4333 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVG4333 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Spectral
halfwidth
△λ
nm
Peak
wave
length
λ
Pnm
Forward
voltage
@20mA(V)
Viewing
angle
2θ1/2
(deg)
Luminous
intensity
@20mA(mcd)
Lens
Water Clear
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
LVG4333
PART NO
Green
GaP
MATERIAL
Emitted
COLOR
Min.
2.6
30
1.7
565
Max.
Min.
88
38
60
Typ.
Symbol
Typical Electrical & Optical Characteristics (Ta=25 )
Absolute Maximum Ratings at Ta=25
Peak Forward Current
Duty 1/10@10KHz
Soldering Temperature
Tsol
Power Dissipation
Reverse Current @5V
Operating Temperature
Storage Temperature
Topr
Tstg
PD
Ir
Forward Current
Parameter
IF
IFP
PART NO.
Max 260¢FJ for 5 sec Max
(2mm from body)
-40 ~ +85
-40 ~ +100
100
10
mW
μA
VG
30
120
Ratings
UNIT
mA
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/4
Page
LVG4333


Similar Part No. - LVG4333

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG4043 LIGITEK-LVG4043 Datasheet
69Kb / 5P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVG4043-L5-PF LIGITEK-LVG4043-L5-PF Datasheet
109Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVG42741 LIGITEK-LVG42741 Datasheet
102Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG45840-S11-PF LIGITEK-LVG45840-S11-PF Datasheet
124Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVG4731 LIGITEK-LVG4731 Datasheet
105Kb / 5P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results

Similar Description - LVG4333

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF4733-PF LIGITEK-LURF4733-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVG4733-PF LIGITEK-LVG4733-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4630-T-PF LIGITEK-LSR4630-T-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4733-PF LIGITEK-LSR4733-PF Datasheet
80Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR14140-PF LIGITEK-LSR14140-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LUR4733H-PF LIGITEK-LUR4733H-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4731-PF LIGITEK-LVY4731-PF Datasheet
172Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
L9UG4843-PF LIGITEK-L9UG4843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4733-PF LIGITEK-LVY4733-PF Datasheet
76Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY14140-PF LIGITEK-LVY14140-PF Datasheet
108Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LHRF4333-PF LIGITEK-LHRF4333-PF Datasheet
110Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com