Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVG3131 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVG3131
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVG3131 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVG3131 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVG3131 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVG3131 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVG3131 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVG3131 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Storage Temperature
Tstg
-40 ~ +100
Green
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25 )
Emitted
MATERIAL
PART NO
LVG3131
GaP
Soldering Temperature
Spectral
halfwidth
△λ
nm
Peak
wave
length
λPnm
Viewing
angle
2θ 1/2
(deg)
Min.
Green Transparent
Lens
565
30
200
Typ.
Max.
1.7
2.6
120
Min.
30
Max 260for 5 sec Max
(2mm from body)
Forward
voltage
@20mA(V)
COLOR
Tsol
Luminous
intensity
@20mA(mcd)
Absolute Maximum Ratings at Ta=25
PART NO. LVG3131
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Operating Temperature
Parameter
Page 2/4
VG
10
100
120
30
-40 ~ +85
Ratings
IF
Topr
Ir
PD
IFP
Symbol
mA
μA
mW
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LVG3131

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG32643-S9-PF LIGITEK-LVG32643-S9-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG3330 LIGITEK-LVG3330 Datasheet
68Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG3330-H0 LIGITEK-LVG3330-H0 Datasheet
70Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG3330-P1-TRS-XN LIGITEK-LVG3330-P1-TRS-XN Datasheet
128Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LVG3330-T LIGITEK-LVG3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
More results

Similar Description - LVG3131

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com