Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVA45740-S29-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LVA45740-S29-PF
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVA45740-S29-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LVA45740-S29-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVA45740-S29-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVA45740-S29-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVA45740-S29-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVA45740-S29-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVA45740-S29-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
60 Seconds Max
Page 4/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
260
° C3sec Max
5
°/sec
max
Temp(
°C)
260°
150
100
Time(sec)
50
2
°/sec
max
25°
0
Preheat
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
120°
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
PART NO.LVA45740/S29-PF


Similar Part No. - LVA45740-S29-PF

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
LVA450A KNOX-LVA450A Datasheet
48Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
LVA453A KNOX-LVA453A Datasheet
48Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
LVA456A KNOX-LVA456A Datasheet
48Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
LVA459A KNOX-LVA459A Datasheet
48Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
More results

Similar Description - LVA45740-S29-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com