Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBU0240-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBU0240-HF
Description  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBU0240-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBU0240-HF Datasheet HTML 1Page - Comchip Technology CDBU0240-HF Datasheet HTML 2Page - Comchip Technology CDBU0240-HF Datasheet HTML 3Page - Comchip Technology CDBU0240-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Diode
Page 4
REV:A
SMD Diodes Specialist
QW-G1072
Comchip Technology CO., LTD.
Suggested PAD Layout
SIZE
(inch)
0.067
(mm)
1.70
0.60
0.80
0.024
0.031
U/0603
Marking Code
2.30
0.091
E
1.10
0.043
Standard Package
Case Type
Qty per Reel
(Pcs)
4000
U/0603
Reel Size
(inch)
7
A
B
C
D
A
C
B
E
B7
D
Park Number
CDBU0240-HF
Marking Code
B7


Similar Part No. - CDBU0240-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0240 COMCHIP-CDBU0240 Datasheet
151Kb / 2P
   SMD Schottky Barrier Diode
More results

Similar Description - CDBU0240-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com