Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBD101-25-XX Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LBD101-25-XX
Description  BAR DIGIT LED DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD101-25-XX Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LBD101-25-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LBD101-25-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LBD101-25-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD101-25-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD101-25-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD101-25-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD101-25-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LBD101-25-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Luminous Intensity Matching Ratio
Test Condition For Each Parameter
Luminous Intensity Per Chip
Peak Wavelength
Forward Voltage Per Chip
Spectral Line Half-Width
Reverse Current Any Chip
△λ
nm
Ir
IV-M
μA
λP
Iv
nm
mcd
If=20mA
Vr=5V
If=10mA
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Parameter
Symbol
Vf
Unit
volt
Test Condition
If=20mA
Page 5/7
LBD101/25-XX
PART NO.


Similar Part No. - LBD101-25-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD101-2-3H3Y4G-11-PF LIGITEK-LBD101-2-3H3Y4G-11-PF Datasheet
163Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-2-3H3Y4G-12-PF LIGITEK-LBD101-2-3H3Y4G-12-PF Datasheet
163Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-2-3H3Y4G-13-PF LIGITEK-LBD101-2-3H3Y4G-13-PF Datasheet
163Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-2-3H3Y4G-14-PF LIGITEK-LBD101-2-3H3Y4G-14-PF Datasheet
163Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-2-3H3Y4G-15-PF LIGITEK-LBD101-2-3H3Y4G-15-PF Datasheet
163Kb / 11P
   BAR DIGIT LED DISPLAY
More results

Similar Description - LBD101-25-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD101-22Y8G-XX-P4 LIGITEK-LBD101-22Y8G-XX-P4 Datasheet
102Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-24-XX-P3-PF LIGITEK-LBD101-24-XX-P3-PF Datasheet
156Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-26F-XX-PF LIGITEK-LBD101-26F-XX-PF Datasheet
131Kb / 9P
   BAR DIGIT LED DISPLAY
LBD142A-XX-RP25 LIGITEK-LBD142A-XX-RP25 Datasheet
145Kb / 10P
   BAR DIGIT LED DISPLAY
LBD336C-XXB LIGITEK-LBD336C-XXB Datasheet
190Kb / 10P
   BAR DIGIT LED DISPLAY
LBD356B-XX LIGITEK-LBD356B-XX Datasheet
181Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1G1-2-HG3Y-XX-PF LIGITEK-LBD1G1-2-HG3Y-XX-PF Datasheet
156Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-22-XX LIGITEK-LBD101-22-XX Datasheet
376Kb / 8P
   BAR DIGIT LED DISPLAY
LBD141-22-XX-S1-PF LIGITEK-LBD141-22-XX-S1-PF Datasheet
135Kb / 9P
   BAR DIGIT LED DISPLAY
LBD1B2A-XX LIGITEK-LBD1B2A-XX Datasheet
164Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1F1-25-XX LIGITEK-LBD1F1-25-XX Datasheet
121Kb / 8P
   BAR DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com