Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUYOS3333-S174-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LUYOS3333-S174-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUYOS3333-S174-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LUYOS3333-S174-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUYOS3333-S174-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUYOS3333-S174-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUYOS3333-S174-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUYOS3333-S174-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUYOS3333-S174-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LUYOS3333/S174-PF
Package Dimensions
PART NO.
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
60
°
30
°
0
°
100%
50%
0
25%
75%
Directivity Radiation
-30
°
-60
°
25%
75% 50%
100%
5.0
7.6
8.6
25.0MIN
5.9
+ -
1.0MIN
2.54TYP
0.5
TYP
1.5MAX


Similar Part No. - LUYOS3333-S174-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUYOS3333-S204-PF-B01 LIGITEK-LUYOS3333-S204-PF-B01 Datasheet
138Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LUYOS3333-S46-AM LIGITEK-LUYOS3333-S46-AM Datasheet
114Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUYOS3333-S174-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com