Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA286B-SRFVG-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LA286B-SRFVG-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA286B-SRFVG-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LA286B-SRFVG-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA286B-SRFVG-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA286B-SRFVG-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA286B-SRFVG-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA286B-SRFVG-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA286B-SRFVG-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA286B-SRFVG-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ambient Temperature(
)
Fig.3 Forward Voltage vs. Temperature
-40
0.8
-20
20
0
40
60
0.9
1.0
1.2
1.1
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
)
0.0
80
100
-40
-20
0
20
3.0
2.5
2.0
1.0
1.5
0.5
100
60
40
80
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
SRF CHIP
Forward Voltage(V)
0.1
1.0
2.0
1.0
10
3.0
4.0
100
1000
Forward Current(mA)
Fig.2 Relative Intensity vs. Forward Current
1.5
1.0
0.5
0.0
5.0
1.0
10
3.0
2.5
2.0
100
1000
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/6
Fig.5 Relative Intensity vs. Wavelength
Wavelength (nm)
600
550
0.0
0.5
650
1.0
700
PART NO. LA286B/SRFVG-PF


Similar Part No. - LA286B-SRFVG-PF

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LA28-43-001A-12E SENSATA-LA28-43-001A-12E Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA28-43-001A-12I SENSATA-LA28-43-001A-12I Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA28-43-001A-12S SENSATA-LA28-43-001A-12S Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
logo
Sanyo Semicon Device
LA2800N SANYO-LA2800N Datasheet
429Kb / 9P
   Telephone Answering Machine
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
   Telephone Answering Machine Use
More results

Similar Description - LA286B-SRFVG-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com