Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRH5264B-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRH5264B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRH5264B-G Datasheet(HTML) 1 Page - Comchip Technology

  CZRH5264B-G Datasheet HTML 1Page - Comchip Technology CZRH5264B-G Datasheet HTML 2Page - Comchip Technology CZRH5264B-G Datasheet HTML 3Page - Comchip Technology CZRH5264B-G Datasheet HTML 4Page - Comchip Technology CZRH5264B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Zener Diode
Voltage: 2.4 to 75 Volts
Power: 150 mWatts
RoHS Device
Page 1
REV:A
SMD Diodes Specialist
Features
For surface mounted applications.
150mW Power Dissipation.
Ideally suited for automated assembly
processes.
Pb free product.
Mechanical data
Case: SOD-523, Molded plastic.
Terminals: Solder Plated,solderable per
MIL-STD-750,method 2026.
Polarity: Cathode band.
Weight: 0.0012 gram(approx.).
CZRH5221B-G Thru CZRH5267B-G
Parameter
Symbol
Value
Unit
Maximum Rating AND Electrical Characteristics
150
mW
PD
Maximum Power Dissipation,TA = 25°C
Operating Junction and Storage Temperature Range
-55 to +150
TJ
°C
QW-BZ020
Dimensions in inches and (millimeter)
SOD-523
0.014(0.35)
0.010(0.25)
0.051(1.30)
0.043(1.10)
0.033(0.85)
0.030(0.75)
0.067(1.70)
0.059(1.50)
0.031(0.77)
0.020(0.51)
0.006(0.15)
0.003(0.08)
0.008(0.20)
REF
0.003(0.07)
0.001(0.01)
Comchip Technology CO., LTD.


Similar Part No. - CZRH5264B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRH584C10-G COMCHIP-CZRH584C10-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C11-G COMCHIP-CZRH584C11-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C12-G COMCHIP-CZRH584C12-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C13-G COMCHIP-CZRH584C13-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C15-G COMCHIP-CZRH584C15-G Datasheet
130Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRH5264B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com