Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUY9653R-30E-L33 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LUY9653R-30E-L33
Description  SQUARE WITH 4LEADS TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9653R-30E-L33 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LUY9653R-30E-L33 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9653R-30E-L33 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9653R-30E-L33 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9653R-30E-L33 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9653R-30E-L33 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9653R-30E-L33 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 1/5
R0.7
C1.25
CATHODE
ANODE
Package Dimensions
PART NO. LUY9653R-30E/L33
4.4
±0.5
7.62
±0.5
2.5
2.5
±0.5
5.08
5.08
±0.3
3.5
±0.5
0.4
1.55
0.5
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
7.62
±0.5
ψ3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Directivity Radiation
0
°
30
°
-30
°
75%
25%
0
50%
50%
100% 75%
25%
-60
°
60
°
100%


Similar Part No. - LUY9653R-30E-L33

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9653R-30B-AM LIGITEK-LUY9653R-30B-AM Datasheet
80Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653R-30C-AM LIGITEK-LUY9653R-30C-AM Datasheet
80Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results

Similar Description - LUY9653R-30E-L33

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653S-30B LIGITEK-LURF9653S-30B Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDBK9653-00 LIGITEK-LDBK9653-00 Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-30B LIGITEK-LUY9653H-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-50A LIGITEK-LUY9653H-50A Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDGM9653Z-30B LIGITEK-LDGM9653Z-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
L20URF9653S-50D-AM LIGITEK-L20URF9653S-50D-AM Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUES9653-30C LIGITEK-LUES9653-30C Datasheet
107Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-00 LIGITEK-LUR9653H-00 Datasheet
143Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-30B-WJ LIGITEK-LUR9653H-30B-WJ Datasheet
92Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com