Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRA5935B-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRA5935B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA5935B-G Datasheet(HTML) 1 Page - Comchip Technology

  CZRA5935B-G Datasheet HTML 1Page - Comchip Technology CZRA5935B-G Datasheet HTML 2Page - Comchip Technology CZRA5935B-G Datasheet HTML 3Page - Comchip Technology CZRA5935B-G Datasheet HTML 4Page - Comchip Technology CZRA5935B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Zener Diode
Voltage: 6.2 to 200 Volts
Power: 1.5 Watts
RoHS Device
Page 1
REV:A
SMD Diodes Specialist
Features
Glass passivated chip.
Low leakage.
Built-in strain relief.
Low inductance.
High peak reverse power dissipa.
Mechanical data
Case: DO-214AC(SMA), Molded plastic.
Polarity: Color band denotes cathode.
Mounting position: Any.
CZRA5920B-G Thru CZRA5956B-G
Parameter
Symbol
Value
Unit
Maximum Rating AND Electrical Characteristics
1.5
W
PD
(1) TL = Lead temperature at 3/8” (9.5mm) from body.
Maximun Forward voltage at IF=200mA
1.2
VF
V
QW-BZ019
Dimensions in inches and (millimeter)
DO-214AC (SMA)
0.109(2.76)
0.099(2.51)
0.064(1.63)
0.048(1.23)
0.206(5.22)
0.192(4.87)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.059(1.51)
0.030(0.75)
0.089(2.26)
0.077(1.96)
0.173(4.40)
0.155(3.94)
Lead(Pb)-free component.
with high power.
For use in stabilizing and clipping circuits
Terminals: Solderable per MIL-STD-750
,method 2026.
Epoxy: UL 94V-0 rate flame retardant.
Operating Junction and Storage Temperature Range
-55 to +175
TJ,TSTG
°C
Maximum Power Dissipation,TL = 50°C (Note1)
Comchip Technology CO., LTD.


Similar Part No. - CZRA5935B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA1110 COMCHIP-CZRA1110 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1115 COMCHIP-CZRA1115 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - CZRA5935B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com